Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 151Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 152Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 153Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 154Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 155Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 156Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 157Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 158Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 153
PIC16F193X/LF193X
REGISTER 13-1:
DACCON0: VOLTAGE REFERENCE CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
DACEN
DACLPS
DACOE
---
DACPSS1
DACPSS0
---
DACNSS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
DACEN: DAC Enable bit
0
= DAC is disabled
1
= DAC is enabled
bit 6
DACLPS: DAC Low-Power Voltage State Select bit
0
=VDAC = DAC Negative reference source selected
1
=VDAC = DAC Positive reference source selected
bit 5
DACOE: DAC Voltage Output Enable bit
1
= DAC voltage level is also an output on the DACOUT pin
0
= DAC voltage level is disconnected from the DACOUT pin
bit 4
Unimplemented: Read as ‘0’
bit 3-2
DACPSS<1:0>: DAC Positive Source Select bits
00
=VDD
01
=VREF+
10
= FVR1 output
11
= Reserved, do not use
bit 1
Unimplemented: Read as ‘0’
bit 0
DACNSS: DAC Negative Source Select bits
0
=VSS
1
=VREF-
REGISTER 13-2:
DACCON1: VOLTAGE REFERENCE CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
---
---
---
DACR4
DACR3
DACR2
DACR1
DACR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
DACR<4:0>: DAC Voltage Output Select bits
VOUT = ((VSOURCE+) - (VSOURCE-))*(DACR<4:0>/(2^5)) + VSOURCE-
Note 1:
The output select bits are always right justified to ensure that any number of bits can be used without
affecting the register layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com