Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 33Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 34Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 35Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 36Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 37Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 38Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 39Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 40Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
MB90470 Series
37
3.
Expanded I/O Serial Interface
The expended I/O serial interface is a serial I/O interface in 8-bit
× 1 channel configuration allowing clock
synchronized data transmission.
The interface has two serial I/O operating modes.
• Internal shift clock mode : Data transfer is synchronized with an internal clock.
• External shift clock mode : Data transfer is synchronized with a clock input from an external pin (SCK) .
This mode allows the external clock pin (SCK) to be shared with a general
purpose port that can transfer data according to CPU instructions.
(1) Register List
Serial mode control status register (SMCS)
Serial data register (SDR)
Communication prescaler control register (SDCR0, SDCR1)
Initial value
Address :
000027H
00002BH
0 0 0 0 0 0 1 0B
Initial value
Address :
000026H
00002AH
- - - - 0 0 0 0B
Initial value
Address :
000028H
00002CH
XXXXXXXXB
Initial value
Address :
000029H
00002DH
0 - - - 0000B
15
14
13
12
11
10
9
8
SMD1
SMD2
SMD0
SIE
SIR
BUSY
STOP
STRT
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
76
5
4
3
2
1
0

MODE
BDS
SOE
SCOE
(R/W)
(R/W)
(R/W)
(R/W)
(
)
(
)
(
)
(
)
76
5
4
3
2
1
0
D6
D7
D5
D4
D3
D2
D1
D0
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(R/W)
(
 )(  )(  )
(R/W)
(R/W)
(R/W)
(R/W)
15
14
13
12
11
10
9
8
(R/W)
MD

DIV3
DIV2
DIV1
DIV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com