Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 21Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 22Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 23Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 24Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 25Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 26Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 27Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 28Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
MB90470 Series
25
(Continued)
Address
Register name
Symbol
Access
Resource name
Default
62H
Timer data register low
TCDT
R/W
16-bit output timer
Free run timer
0 0 0 0 0 0 0 0
63H
Timer data register high
TCDT
R/W
0 0 0 0 0 0 0 0
64H
Timer control status register
TCCS
R/W
0 0 0 0 0 0 0 0
65H
Timer control status register
TCCS
R/W
0 - - 0 0 0 0 0
66H
Compare clear register low
CPCLR
R/W
XXXXXXXX
67H
Compare clear register high
XXXXXXXX
68H
Up down count register ch0
UDCR0
R
8/16-bit up-down
timer-counter
0 0 0 0 0 0 0 0
69H
Up down count register ch1
UDCR1
R
0 0 0 0 0 0 0 0
6AH
Reload compare register ch0
RCR0
W
0 0 0 0 0 0 0 0
6BH
Reload compare register ch1
RCR1
W
0 0 0 0 0 0 0 0
6CH
Counter control register low ch0
CCRL0
R/W
0 X 0 0 X 0 0 0
6DH
Counter control register high ch0
CCRH0
R/W
0 0 0 0 0 0 0 0
6EH
Reserved
6FH
ROM mirror function select register
ROMM
W
ROM mirror function
- - - - - - - 1
70H
Counter control register low ch1
CCRL1
R/W
8/16-bit up-down
timer-counter
0 X 0 0 X 0 0 0
71H
Counter control register high ch1
CCRH1
R/W
- 0 0 0 0 0 0 0
72H
Count status register ch0
CSR0
R/W
0 0 0 0 0 0 0 0
73H
Reserved
74H
Count status register ch1
CSR1
R/W
8/16-bit UDC
0 0 0 0 0 0 0 0
75H
Reserved
76H
PWC0 control status register
PWCSR0
R/W
16-bit PWC timer
(ch0)
0 0 0 0 0 0 0 0
77H
0 0 0 0 0 0 0 X
78H
PWC0 data buffer register
PWCR0
R/W
0 0 0 0 0 0 0 0
79H
0 0 0 0 0 0 0 0
7AH
PWC1 control status register
PWCSR1
R/W
16-bit PWC timer
(ch1)
0 0 0 0 0 0 0 0
7BH
0 0 0 0 0 0 0 X
7CH
PWC1 data buffer register
PWCR1
R/W
0 0 0 0 0 0 0 0
7DH
0 0 0 0 0 0 0 0
7EH
PWC2 control status register
PWCSR2
R/W
16-bit PWC timer
(ch2)
0 0 0 0 0 0 0 0
7FH
0 0 0 0 0 0 0 X
80H
PWC2 data buffer register
PWCR2
R/W
0 0 0 0 0 0 0 0
81H
0 0 0 0 0 0 0 0
82H
PWC0 division ratio register
DIVR0
R/W
PWC (ch0)
- - - - - - 0 0
83H
Reserved
84H
PWC1 division ratio register
DIVR1
R/W
PWC (ch1)
- - - - - - 0 0
85H
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com