Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 87 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 87 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 83Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 84Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 85Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 86Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 87Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 88Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 89Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 90Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 91Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
MB90470 Series
87
4.
AC Characteristics
(1) Clock Timing Ratings
(VSS
= 0.0 V, TA = −40 °C to +85 °C)
*1 : VCC
= VCC3 = VCC5
*2 : Observe the operating voltage with care.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCH
X0, X1
3
20
MHz
for crystal
oscillation*2
3
40
for external
clock
FCL
X0A, X1A

32.768
kHz
Clock cycle time
tC
X0, X1
25
333
ns
*2
tCL
X0A, X1A

30.5
µs
Input clock pulse width
PWH
PWL
X0
5

ns
*1
PWLH
PWLL
X0A

15.2
µs*1
Input clock rise, fall time
tcr
tcf
X0

5ns
Using
external clock
Internal operating clock
frequency
fCP

1.5
20
MHz *2

1.5
16
MHz MB90474 only
fCPL

8.192
kHz
3
20
MHz MB90F474H
3
12
MHz MB90F474L
Internal operating clock
cycle time
tCP

50.0
666
ns
*2

62.5
666
ns
MB90474 only
tCPL

122.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com