Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 23Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 24Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 25Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 26Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 27Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 28Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 29Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 30Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
MB90470 Series
27
(Continued)
Address
Register name
Symbol
Access
Resource name
Default
B4H
Interrupt control register 04
ICR04
R/W
XXXX 0 1 1 1
B5H
Interrupt control register 05
ICR05
R/W
XXXX 0 1 1 1
B6H
Interrupt control register 06
ICR06
R/W
XXXX 0 1 1 1
B7H
Interrupt control register 07
ICR07
R/W
XXXX 0 1 1 1
B8H
Interrupt control register 08
ICR08
R/W
XXXX 0 1 1 1
B9H
Interrupt control register 09
ICR09
R/W
XXXX 0 1 1 1
BAH
Interrupt control register 10
ICR10
R/W
XXXX 0 1 1 1
BBH
Interrupt control register 11
ICR11
R/W
XXXX 0 1 1 1
BCH
Interrupt control register 12
ICR12
R/W
XXXX 0 1 1 1
BDH
Interrupt control register 13
ICR13
R/W
XXXX 0 1 1 1
BEH
Interrupt control register 14
ICR14
R/W
XXXX 0 1 1 1
BFH
Interrupt control register 15
ICR15
R/W
XXXX 0 1 1 1
C0H
Chip select MASK register 0
CMR0
R/W
Chip select functions 0 0 0 0 1 1 1 1
C1H
Chip select area register 0
CAR0
R/W
1 1 1 1 1 1 1 1
C2H
Chip select MASK register 1
CMR1
R/W
0 0 0 0 1 1 1 1
C3H
Chip select area register 1
CAR1
R/W
1 1 1 1 1 1 1 1
C4H
Chip select MASK register 2
CMR2
R/W
0 0 0 0 1 1 1 1
C5H
Chip select area register 2
CAR2
R/W
1 1 1 1 1 1 1 1
C6H
Chip select MASK register 3
CMR3
R/W
0 0 0 0 1 1 1 1
C7H
Chip select area register 3
CAR3
R/W
1 1 1 1 1 1 1 1
C8H
Chip select control register
CSCR
R/W
- - - - 0 0 0 *
C9H
Chip select control active level register
CALR
R/W
- - - - 0 0 0 0
CAH
Timer control status registers
TMCSR
R/W
16-bit reload timer
0 0 0 0 0 0 0 0
CBH
- - - - 0 0 0 0
CCH
16-bit timer register
16-bit reload register
TMR/
TMRLR
R/W
XXXXXXXX
CDH
CEH, CFH
Reserved
D0H to FFH
External area
100H to #H
RAM area
1FF0
Program address detection resister0
(Low order address)
PADR0
R/W
Address Match
Detection Function
XXXXXXXX
1FF1
Program address detection resister0
(Middle order address)
1FF2
Program address detection resister0
(High order address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com