Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 15Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 16Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 17Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 18Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 19Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 20Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 21Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 22Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
MB90470 Series
19
s BLOCK DIAGRAM
P00 to P07 (8 pins) : Input pull-up resistance setting register provided.
P10 to P17 (8 pins) : Input pull-up resistance setting register provided.
P40 to P47 (8 pins) : Open drain setting register provided.
P70 to P75 (6 pins) : Open drain setting register provided.
P76, P77 (2 pins)
: Open drain
Note : In the above diagram, I/O ports are shown sharing pin numbers with the built-in function blocks. However
pins may not be used as I/O ports when they are in use as pins for build-in function modules.
RAM
Clock
control circuit
88
8
8
8
8
8
8
8
P00
P07
P10
P17
P20
P27
P30
P37
P40
P47
P50
P57
P60
P67
P70
P77
P80
P87
ROM
µDMA
Communication prescaler
UART
I/O expansion serial
interface
× 2 channels
A/D converter
(10-bit)
IN0, IN1
OUT0, OUT1,
OUT2, OUT3,
OUT4, OUT5
8
P90
P97
CS0, CS1,
CS2, CS3
4
PA0
PA3
8
2
X0, X1, RST
X0A, X1A
MD2, MD1, MD0
SIN0
SOT0
SCK0
SIN1, SIN2
SOT1, SOT 2
SCK1, SCK2
AVCC
AVRH
AVSS
ADTG
AN0 to AN7
AIN0, AIN1
BIN0, BIN1
ZIN0, ZIN1
PWC0
PWC1
PWC2
PPG0, PPG1
PPG2, PPG3
PPG4, PPG5
IRQ0 to IRQ7
8
EXTC
MT00
MT01
TIN0
TOT0
SCL
SDA
µPG
Chip select
16-bit reload timer
I2C interface
External interrupt
I/O ports
Input/output timer
16-bit input capture
× 2
16-bit output compare
× 6
16-bit free-run timer
CPU
FMC-16LX
series core
Interrupt controller
8/16-bit PPG
8/16-bit
up/down counter
16-bit PWC
3 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com