Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 19Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 20Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 21Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 22Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 23Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 24Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 25Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 26Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
MB90470 Series
23
(Continued)
Address
Register name
Symbol
Access
Resource name
Default
20H
Serial mode register 0
SMR0
R/W
UART0
0 0 0 0 0 X 0 0
21H
Serial control register 0
SCR0
R/W
0 0 0 0 0 1 0 0
22H
Serial input register/ serial output
register
SIDR/
SODR0
R/W
XXXXXXXX
23H
Serial status register
SSR0
R/W
0 0 0 0 1 0 0 0
24H
Reserved
25H
Clock divider control register
CDCR
R/W
Communication
prescaler (UART)
0 0 - - 0 0 0 0
26H
Serial mode control status register 0
SMCS0
R/W
SCI1 (ch0)
- - - - 0 0 0 0
27H
Serial mode control status register 0
SMCS0
R/W
0 0 0 0 0 0 1 0
28H
Serial data register
SDR0
R/W
XXXXXXXX
29H
Clock divider control register
SDCR0
R/W
Communication
prescaler (SCI0)
0 - - - 0 0 0 0
2AH
Serial mode control status register 1
SMCS1
R/W
SCI2 (ch1)
- - - - 0 0 0 0
2BH
Serial mode control status register 1
SMCS1
R/W
0 0 0 0 0 0 1 0
2CH
Serial data register
SDR1
R/W
XXXXXXXX
2DH
Clock divider control register
SDCR1
R/W
Communication
prescaler (SCI1)
0 - - - 0 0 0 0
2EH
PPG reload register L (ch0)
PRLL0
R/W
8/16-bit PPG
(ch0-ch5)
XXXXXXXX
2FH
PPG reload register H (ch0)
PRLH0
R/W
XXXXXXXX
30H
PPG reload register L (ch1)
PRLL1
R/W
XXXXXXXX
31H
PPG reload register H (ch1)
PRLH1
R/W
XXXXXXXX
32H
PPG reload register L (ch2)
PRLL2
R/W
XXXXXXXX
33H
PPG reload register H (ch2)
PRLH2
R/W
XXXXXXXX
34H
PPG reload register L (ch3)
PRLL3
R/W
XXXXXXXX
35H
PPG reload register H (ch3)
PRLH3
R/W
XXXXXXXX
36H
PPG reload register L (ch4)
PRLL4
R/W
XXXXXXXX
37H
PPG reload register H (ch4)
PRLH4
R/W
XXXXXXXX
38H
PPG reload register L (ch5)
PRLL5
R/W
XXXXXXXX
39H
PPG reload register H (ch5)
PRLH5
R/W
XXXXXXXX
3AH
PPG0 operating mode control register
PPGC0
R/W
0 X 0 0 0XX 1
3BH
PPG1 operating mode control register
PPGC1
R/W
0 X 0 0 0 0 0 1
3CH
PPG2 operating mode control register
PPGC2
R/W
0 X 0 0 0XX 1
3DH
PPG3 operating mode control register
PPGC3
R/W
0 X 0 0 0 0 0 1
3EH
PPG4 operating mode control register
PPGC4
R/W
0 X 0 0 0XX 1
3FH
PPG5 operating mode control register
PPGC5
R/W
0 X 0 0 0 0 0 1
40H
PPG0, 1 output control register
PPG01
R/W
8/16-bit PPG
0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com