Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPFV Datasheet(PDF) 101 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 101 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 97Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 98Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 99Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 100Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 101Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 102Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 103Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 104Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 105Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
MB90470 Series
101
(10) I/O Expanded Serial Interface Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Notes :
• These AC ratings are for operation in CLK synchronous mode.
• CL is the load capacitance applied to pins during testing.
• tCP : See (1) Clock Timing Ratings.
• Values shown are target values.
• VCC = VCC3 = VCC5
Parameter
Sym-
bol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
Internal shift clock
mode output pin
CL
= 80 pF + 1 TTL
8 tCP
ns
SCK
↓ → SOT delay time
tSLOV
− 80
+ 80
ns
− 120
+ 160
ns
fcp
= 8 MHz
Valid SIN
→ SCK ↑
tIVSH
100
ns
200
ns
fcp
= 8 MHz
SCK
↑ → valid SIN hold time
tSHIX
tCP
ns
Serial clock “H” pulse width
tSHSL
External shift clock
mode output pin
CL
= 80 pF + 1 TTL
4 tCP
ns
Serial clock “L” pulse width
tSLSH
4 tCP
ns
SCK
↓ → SOT delay time
tSLOV
150
ns
200
ns
fcp
= 8 MHz
Valid SIN
→ SCK ↑
tIVSH
60
ns
120
ns
fcp
= 8 MHz
SCK
↑ → valid SIN hold time
tSHIX
60
ns
120
ns
fcp
= 8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com