Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K70E-L Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT82K70E-L
Description  I/O Type 8-Bit MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70E-L Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT82K70E-L Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
HT82K70E-L/HT82K70A-L/HT82K76E-L
Rev. 1.20
27
February 1, 2011
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects the microcontroller in-
ternal registers.
Register
Reset
(Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu - uuu uuuu
WDTS
(for HT82K76E-L)
---- - 111
---- - 111
---- - 111
---- - 111 ---- - uuu
WDTS
(for HT82K70E-L/A-L )
---- 0111
---- 0111
---- 0111
---- 0111 ---- uuuu
STATUS
-- 00 xxxx
-- 1u uuuu
-- uu uuuu
-- 01 uuuu -- 11 uuuu
INTC0
- 000 0000
- 000 0000
- 000 0000
- 000 0000 - uuu uuuu
TMR0H
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0L
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00
- 0 1000
00
- 0 1000
00
- 0 1000
00
- 0 1000 uu - u uuuu
TMR1H
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1L
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
00
- 0 1000
00
- 0 1000
00
- 0 1000
00
- 0 1000 uu - u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PEC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PF
---- - 111
---- - 111
---- - 111
---- - 111 uuuu uuuu
PFC
---- - 111
---- - 111
---- - 111
---- - 111 uuuu uuuu
INTC1
--- 0 --- 0
--- 0 --- 0
--- 0 --- 0
--- 0 --- 0 --- u --- u
TBHP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
SBCR
0110 0000
0110 0000
0110 0000
0110 0000
uuuu uuuu
SBDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
WSR
0000 0000
uuuu 0000
uuuu 0000
uuuu 0000
uuuu uuuu
CTLR
(for HT82K76E-L)
0000 x000
0000 x000
0000 x000
0000 x000
uuuu xuu0
CTLR
(for HT82K70E-L/A-L )
0000 x000
0000 x000
0000 x000
0000 x000
uuuu xuuu
Note:
²*² means ²warm reset²
²-² not implemented
²u² means ²unchanged²
²x² means ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com