Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K70E-L Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT82K70E-L
Description  I/O Type 8-Bit MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70E-L Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT82K70E-L Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Application Circuits
HT82K70E-L/HT82K70A-L/HT82K76E-L
Rev. 1.20
38
February 1, 2011
Configuration Options
Item
Options
I/O Options
1
PA pull-high: enable or disable by bit
2
PB, PC, PD, PE, PF0~PF2 pull-high: enable or disable by nibble
3
PB, PC, PD, PE, PF0~PF2: Schmitt Trigger or Non-Schmitt Trigger by nibble
4
PA wake-up: enable or disable by bit
5
PB0, PB1 wake-up: enable or disable by bit
6
PB2~PB7, PC, PD, PE, PF0~PF2 wake-up: enable or disable by nibble
7
PA input type Schmitt Trigger and Non-Schmitt Trigger by bit
8
PE4 function option: PE4 as battery LVD input or PE4 as GPIO (default)
9
Output slew rate select: 0ns, 50ns, 100ns or 200ns
10
PA, NMOS or CMOS by bit
11
TBHP: enable or disable
Oscillator Options
12
OSC type selection: RC or crystal
Watchdog Options
13
CLRWDT instructions: one or two instructions
14
WDT Clock Source: fSYS/4 or WDT oscillator
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
V D D
0 . 1 m F
1 0 m F
V D D
0 . 1 m F
1 0 0 k W
R e s e t
P B 5
P B 4
P A 3 / T M R 1
P A 2 / T M R 0
P A 1 / Z 2
P A 0 / Z 1
P B 3
P B 2
P B 1 / V 2
P B 0 / V 1
P F 1
P F 0
P D 7
P D 6
P D 5
P D 4
V S S
P E 2
P E 3
P C 0
P C 1
P C 2 / I N T
P E 0
P E 1
P B 6
P B 7
P A 4 / S C S
P A 5 / S C K
P A 6 / S D I
P A 7 / S D O
P F 2
P F 7
P E 6
P E 5
O S C 2
O S C 1
V D D
R E S
P E 4 / B A T
P D 3
P D 2
P D 1
P D 0
P C 7
P C 6
P C 5
P C 4
P C 3
B a t t e r y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com