Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TABDFM Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 30Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 31Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 32Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 33Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 34Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 35Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 36Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 37Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 34 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
4.
I/O Registers
Table 4.1
List of I/O Registers (Address Order) (1 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles
0008 0000h
SYSTEM
Mode monitor register
MDMONR
16
16
3ICLK
0008 0002h
SYSTEM
Mode status register
MDSR
16
16
3ICLK
0008 0006h
SYSTEM
System control register 0
SYSCR0
16
16
3ICLK
0008 0008h
SYSTEM
System control register 1
SYSCR1
16
16
3ICLK
0008 000Ch
SYSTEM
Standby control register
SBYCR
16
16
3ICLK
0008 0010h
SYSTEM
Module stop control register A
MSTPCRA
32
32
3ICLK
0008 0014h
SYSTEM
Module stop control register B
MSTPCRB
32
32
3ICLK
0008 0018h
SYSTEM
Module stop control register C
MSTPCRC
32
32
3ICLK
0008 0020h
SYSTEM
System clock control register
SCKCR
32
32
3ICLK
0008 0040h
SYSTEM
Oscillation stop detection control register
OSTDCR
16
16
3ICLK
0008 1300h
BSC
Bus error status clear register
BERCLR
8
8
2ICLK
0008 1304h
BSC
Bus error monitoring enable register
BEREN
8
8
2ICLK
0008 1308h
BSC
Bus error status register 1
BERSR1
8
8
2ICLK
0008 130Ah
BSC
Bus error status register 2
BERSR2
16
16
2ICLK
0008 2400h
DTC
DTC control register
DTCCR
8
8
2ICLK
0008 2404h
DTC
DTC vector base register
DTCVBR
32
32
2ICLK
0008 2408h
DTC
DTC address mode register
DTCADMOD
8
8
2ICLK
0008 240Ch
DTC
DTC module start register
DTCST
8
8
2ICLK
0008 240Eh
DTC
DTC status register
DTCSTS
16
16
2ICLK
0008 7010h
ICU
Interrupt request register 016
IR016
8
8
2ICLK
0008 7015h
ICU
Interrupt request register 021
IR021
8
8
2ICLK
0008 7017h
ICU
Interrupt request register 023
IR023
8
8
2ICLK
0008 701Bh
ICU
Interrupt request register 027
IR027
8
8
2ICLK
0008 701Ch
ICU
Interrupt request register 028
IR028
8
8
2ICLK
0008 701Dh
ICU
Interrupt request register 029
IR029
8
8
2ICLK
0008 701Eh
ICU
Interrupt request register 030
IR030
8
8
2ICLK
0008 701Fh
ICU
Interrupt request register 031
IR031
8
8
2ICLK
0008 702Ch
ICU
Interrupt request register 044
IR044
8
8
2ICLK
0008 702Dh
ICU
Interrupt request register 045
IR045
8
8
2ICLK
0008 702Eh
ICU
Interrupt request register 046
IR046
8
8
2ICLK
0008 702Fh
ICU
Interrupt request register 047
IR047
8
8
2ICLK
0008 7038h
ICU
Interrupt request register 056
IR056
8
8
2ICLK
0008 7039h
ICU
Interrupt request register 057
IR057
8
8
2ICLK
0008 703Ah
ICU
Interrupt request register 058
IR058
8
8
2ICLK
0008 703Bh
ICU
Interrupt request register 059
IR059
8
8
2ICLK
0008 703Ch
ICU
Interrupt request register 060
IR060
8
8
2ICLK
0008 7040h
ICU
Interrupt request register 064
IR064
8
8
2ICLK
0008 7041h
ICU
Interrupt request register 065
IR065
8
8
2ICLK
0008 7042h
ICU
Interrupt request register 066
IR066
8
8
2ICLK
0008 7043h
ICU
Interrupt request register 067
IR067
8
8
2ICLK
0008 7044h
ICU
Interrupt request register 068
IR068
8
8
2ICLK
0008 7045h
ICU
Interrupt request register 069
IR069
8
8
2ICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com