Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TABDFM Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 40Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 46Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 47Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 44 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 901Eh
S12AD0
A/D data register Diag
ADRD
16
16
2 to 3PCLK*5
0008 9020h
S12AD0
A/D data register 0A
ADDR0A
16
16
2 to 3PCLK*5
0008 9022h
S12AD0
A/D data register 1
ADDR1
16
16
2 to 3PCLK*5
0008 9024h
S12AD0
A/D data register 2
ADDR2
16
16
2 to 3PCLK*5
0008 9026h
S12AD0
A/D data register 3
ADDR3
16
16
2 to 3PCLK*5
0008 9030h
S12AD0
A/D data register 0B
ADDR0B
16
16
2 to 3PCLK*5
0008 9060h
S12AD0
A/D sampling state register
ADSSTR
8
8
2 to 3PCLK*5
0008 9080h
S12AD1
A/D control register
ADCSR
8
8
2 to 3PCLK*5
0008 9084h
S12AD1
A/D channel select register
ADANS
16
16
2 to 3PCLK*5
0008 908Ah
S12AD1
A/D programmable gain amplifier register
ADPG
16
16
2 to 3PCLK*5
0008 908Eh
S12AD1
A/D control extended register
ADCER
16
16
2 to 3PCLK*5
0008 9090h
S12AD1
A/D start trigger select register
ADSTRGR
16
16
2 to 3PCLK*5
0008 909Eh
S12AD1
A/D data register Diag
ADRD
16
16
2 to 3PCLK*5
0008 90A0h
S12AD1
A/D data register 0A
ADDR0A
16
16
2 to 3PCLK*5
0008 90A2h
S12AD1
A/D data register 1
ADDR1
16
16
2 to 3PCLK*5
0008 90A4h
S12AD1
A/D data register 2
ADDR2
16
16
2 to 3PCLK*5
0008 90A6h
S12AD1
A/D data register 3
ADDR3
16
16
2 to 3PCLK*5
0008 90B0h
S12AD1
A/D data register 0B
ADDR0B
16
16
2 to 3PCLK*5
0008 90E0h
S12AD1
A/D sampling state register
ADSSTR
8
8
2 to 3PCLK*5
0008 C001h
PORT1
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C002h
PORT2
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C003h
PORT3
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C007h
PORT7
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C008h
PORT8
Data direction register
DDR*2*3
8
8
2 to 3PCLK*5
0008 C009h
PORT9
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C00Ah
PORTA
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C00Bh
PORTB
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C00Dh
PORTD
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C00Eh
PORTE
Data direction register
DDR
8
8
2 to 3PCLK*5
0008 C010h
PORTG
Data direction register
DDR*1*2*3
8
8
2 to 3PCLK*5
0008 C021h
PORT1
Data register
DR
8
8
2 to 3PCLK*5
0008 C022h
PORT2
Data register
DR
8
8
2 to 3PCLK*5
0008 C023h
PORT3
Data register
DR
8
8
2 to 3PCLK*5
0008 C027h
PORT7
Data register
DR
8
8
2 to 3PCLK*5
0008 C028h
PORT8
Data register
DR*2*3
8
8
2 to 3PCLK*5
0008 C029h
PORT9
Data register
DR
8
8
2 to 3PCLK*5
0008 C02Ah
PORTA
Data register
DR
8
8
2 to 3PCLK*5
0008 C02Bh
PORTB
Data register
DR
8
8
2 to 3PCLK*5
0008 C02Dh
PORTD
Data register
DR
8
8
2 to 3PCLK*5
0008 C02Eh
PORTE
Data register
DR
8
8
2 to 3PCLK*5
0008 C030h
PORTG
Data register
DR*1*2*3
8
8
2 to 3PCLK*5
0008 C041h
PORT1
Data register
PORT
8
8
2 to 3PCLK*5
0008 C042h
PORT2
Data register
PORT
8
8
2 to 3PCLK*5
0008 C043h
PORT3
Data register
PORT
8
8
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (11 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com