Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TABDFM Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 66Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 67Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 68Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 69Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 70Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 71Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 72Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 73Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 70 of 92
Apr 20, 2011
RX62T Group
5. Electrical Characteristics
Note: • tIICcyc: Cycles of internal base clock (IICφ) for the RIIC module
Note 1. The value in parentheses is used when ICMR3.NF[1:0] are set to 11b while a digital filter is enabled with ICFER.NFE = 1.
Note 2. Cb indicates the total capacity of the bus line.
Table 5.9
Timing of On-Chip Peripheral Modules (2)
Note:Items for which test conditions are not specifically stated in the table below have the same values under conditions 1 to 3.
Condition 1: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 3.0 to 3.6 V, VREFH0 = 3.0 V to AVCC0, VREF = 3.0 V to AVCC
Condition 2: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Condition 3: VCC = PLLVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Ta =
40 to +85C. Ta is the same under conditions 1 to 3.
Item
Symbol
Min.*1 *2
Max.
Unit
Test
Conditions
RIIC
(standard mode)
SCL input cycle time
tSCL
6(12)
t
llCcyc + 1300
-
ns
Figure 5.10
SCL input high pulse width
tSCLH
3(6)
 t
llCcyc + 300
-
ns
SCL input low pulse width
tSCLL
3(6)
 t
llCcyc + 1000
-
ns
SCL, SDA input rising time
tSr
-
1000
ns
SCL, SDA input falling time
tSf
-
300
ns
SCL, SDA input spike pulse removal
time
tSP
01(4)
t
llCcyc
ns
SDA input bus free time
tBUF
3(6)
 t
llCcyc + 300
-
ns
Start condition input hold time
tSTAH
tllCcyc + 300
-
ns
Re-start condition input setup time
tSTAS
1000
-
ns
Stop condition input setup time
tSTOS
1000
-
ns
Data input setup time
tSDAS
tllCcyc + 50
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb
-
400
pF
RIIC
(fast mode)
SCL input cycle time
tSCL
6(12)
t
llCcyc + 600
-
ns
SCL input high pulse width
tSCLH
3(6)
 t
llCcyc + 300
-
ns
SCL input low pulse width
tSCLL
3(6)
 t
llCcyc + 300
-
ns
SCL, SDA input rising time
tSr
20 + 0.1Cb
300
ns
SCL, SDA input falling time
tSf
20 + 0.1Cb
300
ns
SCL, SDA input spike pulse removal
time
tSP
01(4)
t
llCcyc
ns
SDA input bus free time
tBUF
3(6)
 t
llCcyc + 300
-
ns
Start condition input hold time
tSTAH
tllCcyc + 300
-
ns
Re-start condition input setup time
tSTAS
300
-
ns
Stop condition input setup time
tSTOS
300
-
ns
Data input setup time
tSDAS
tllCcyc + 50
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb
-
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com