Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TABDFM Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 46Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 47Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 48Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 45 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 C044h
PORT4
Data register
PORT
8
8
2 to 3PCLK*5
0008 C045h
PORT5
Data register
PORT*2*3
8
8
2 to 3PCLK*5
0008 C046h
PORT6
Data register
PORT*3
8
8
2 to 3PCLK*5
0008 C047h
PORT7
Data register
PORT
8
8
2 to 3PCLK*5
0008 C048h
PORT8
Data register
PORT*2*3
8
8
2 to 3PCLK*5
0008 C049h
PORT9
Data register
PORT
8
8
2 to 3PCLK*5
0008 C04Ah
PORTA
Data register
PORT
8
8
2 to 3PCLK*5
0008 C04Bh
PORTB
Data register
PORT
8
8
2 to 3PCLK*5
0008 C04Dh
PORTD
Data register
PORT
8
8
2 to 3PCLK*5
0008 C04Eh
PORTE
Data register
PORT
8
8
2 to 3PCLK*5
0008 C050h
PORTG
Port register
PORT*1*2*3
8
8
2 to 3PCLK*5
0008 C061h
PORT1
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C062h
PORT2
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C063h
PORT3
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C064h
PORT4
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C065h
PORT5
Input buffer control register
ICR*2*3
8
8
2 to 3PCLK*5
0008 C066h
PORT6
Input buffer control register
ICR*3
8
8
2 to 3PCLK*5
0008 C067h
PORT7
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C068h
PORT8
Input buffer control register
ICR*2*3
8
8
2 to 3PCLK*5
0008 C069h
PORT9
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C06Ah
PORTA
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C06Bh
PORTB
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C06Dh
PORTD
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C06Eh
PORTE
Input buffer control register
ICR
8
8
2 to 3PCLK*5
0008 C070h
PORTG
Input buffer control register
ICR*1*2*3
8
8
2 to 3PCLK*5
0008 C108h
IOPORT
Port function register 8
PF8IRQ
8
8
2 to 3PCLK*5
0008 C109h
IOPORT
Port function register 9
PF9IRQ
8
8
2 to 3PCLK*5
0008 C10Ah
IOPORT
Port function register A
PFAADC
8
8
2 to 3PCLK*5
0008 C10Ch
IOPORT
Port function register C
PFCMTU
8
8
2 to 3PCLK*5
0008 C10Dh
IOPORT
Port function register D
PFDGPT
8
8
2 to 3PCLK*5
0008 C10Fh
IOPORT
Port function register F
PFFSCI
8
8
2 to 3PCLK*5
0008 C110h
IOPORT
Port function register G
PFGSPI
8
8
2 to 3PCLK*5
0008 C111h
IOPORT
Port function register H
PFHSPI
8
8
2 to 3PCLK*5
0008 C113h
IOPORT
Port function register J
PFJCAN
8
8
2 to 3PCLK*5
0008 C114h
IOPORT
Port function register K
PFKLIN
8
8
2 to 3PCLK*5
0008 C116h
IOPORT
Port function register M
PFMPOE
8
8
2 to 3PCLK*5
0008 C117h
IOPORT
Port function register N
PFNPOE
8
8
2 to 3PCLK*5
0008 C280h
SYSTEM
Deep standby control register
DPSBYCR
8
8
4 to 5PCLK*5
0008 C281h
SYSTEM
Deep standby wait control register
DPSWCR
8
8
4 to 5PCLK*5
0008 C282h
SYSTEM
Deep standby interrupt enable register
DPSIER
8
8
4 to 5PCLK*5
0008 C283h
SYSTEM
Deep standby interrupt flag register
DPSIFR
8
8
4 to 5PCLK*5
0008 C284h
SYSTEM
Deep standby interrupt edge register
DPSIEGR
8
8
4 to 5PCLK*5
0008 C285h
SYSTEM
Reset status register
RSTSR
8
8
4 to 5PCLK*5
0008 C289h
FLASH
Flash write erase protection register
FWEPROR
8
8
4 to 5PCLK*5
Table 4.1
List of I/O Registers (Address Order) (12 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com