Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TABDFM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 2Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 3Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 4Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 5Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 9Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 6 of 92
Apr 20, 2011
RX62T Group
1. Overview
A/D converter
10-bit A/D converter
(ADA)
 10 bits (1 unit x 12 channels)
 10-bit resolution
 Conversion time:
1.0
s per channel (in operation with A/D conversion clock ADCLK at 50 MHz) for
AVCC0 = 4.0 to 5.5 V
2.0
s per channel (in operation with A/D conversion clock ADCLK at 25 MHz) for AVCC
= 3.0 to 3.6 V
 Two basic operating modes
Single mode and scan mode
 Scan mode
One-cycle scan mode
Continuous scan mode
 Sample-and-hold function
A common sample-and-hold circuit for both units is included.
 A/D-conversion register settings for each input pin
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU3 or
GPT), or an external trigger signal.
 Functionality for 8-bit precision output
Right-shifting the results of conversion for output by two bits is selectable.
 Self-diagnostic function
The self-diagnostic function internally generates three analog input voltages (AVSS,
VREF x 1/2, VREF).
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1.
 Generation of CRC codes for use with LSB-first or MSB-first communications is
selectable.
Operating frequency
ICLK: 8 to 100 MHz
PCLK: 8 to 50 MHz
Power supply voltage
 3-V version
VCC = PLLVCC = 2.7 to 3.6V
AVCC0 = AVCC = 3.0 to 3.6V, or 4.0 to 5.5V
VREFH0 = 3.0 to AVCC0, or 4.0 to AVCC0
VREF = 3.0 to AVCC, or 4.0 to AVCC
 5-V version
VCC = PLLVCC = 4.0 to 5.5V
AVCC0 = AVCC = 4.0 to 5.5V
VREFH0 = 4.0 to AVCC0
VREF = 4.0 to AVCC
Operating temperature
40 to +85C
Packages
112-pin LQFP (PLQP0112JA-A, 20x20-0.65-mm pitch)
100-pin LQFP (PLQP0100KB-A, 14x14-0.5-mm pitch)
80-pin LQFP (PLQP0080JA-A, 14x14-0.65-mm pitch)
64-pin LQFP (PLQP0064KB-A, 10x10-0.5-mm pitch)
Table 1.1
Outline of Specifications (5 / 5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com