Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TABDFM Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 49Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 50Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 51Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 52Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 53Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 54Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 55Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 56Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 53 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
000C 20AAh
GPT
LOCO count lower permissible deviation
register
LCNTDL
16
8, 16, 32
3 to 5ICLK*6
000C 2100h
GPT0
General PWM timer I/O control register
GTIOR
16
8, 16, 32
3 to 5ICLK*6
000C 2102h
GPT0
General PWM timer interrupt output setting
register
GTINTAD
16
8, 16, 32
3 to 5ICLK*6
000C 2104h
GPT0
General PWM timer control register
GTCR
16
8, 16, 32
3 to 5ICLK*6
000C 2106h
GPT0
General PWM timer buffer enable register
GTBER
16
8, 16, 32
3 to 5ICLK*6
000C 2108h
GPT0
General PWM timer count direction register
GTUDC
16
8, 16, 32
3 to 5ICLK*6
000C 210Ah
GPT0
General PWM timer interrupt and A/D converter
start request skipping setting register
GTITC
16
8, 16, 32
3 to 5ICLK*6
000C 210Ch
GPT0
General PWM timer status register
GTST
16
8, 16, 32
3 to 5ICLK*6
000C 210Eh
GPT0
General PWM timer counter
GTCNT
16
16
3 to 5ICLK*6
000C 2110h
GPT0
General PWM timer compare capture register A
GTCCRA
16
16, 32
3 to 5ICLK*6
000C 2112h
GPT0
General PWM timer compare capture register B
GTCCRB
16
16, 32
3 to 5ICLK*6
000C 2114h
GPT0
General PWM timer compare capture register C
GTCCRC
16
16, 32
3 to 5ICLK*6
000C 2116h
GPT0
General PWM timer compare capture register D
GTCCRD
16
16, 32
3 to 5ICLK*6
000C 2118h
GPT0
General PWM timer compare capture register E
GTCCRE
16
16, 32
3 to 5ICLK*6
000C 211Ah
GPT0
General PWM timer compare capture register F
GTCCRF
16
16, 32
3 to 5ICLK*6
000C 211Ch
GPT0
General PWM timer cycle setting register
GTPR
16
16, 32
3 to 5ICLK*6
000C 211Eh
GPT0
General PWM timer cycle setting buffer register
GTPBR
16
16, 32
3 to 5ICLK*6
000C 2120h
GPT0
General PWM timer cycle setting double-buffer
register
GTPDBR
16
16, 32
3 to 5ICLK*6
000C 2124h
GPT0
A/D converter start request timing register A
GTADTRA
16
16, 32
3 to 5ICLK*6
000C 2126h
GPT0
A/D converter start request timing buffer register
A
GTADTBRA
16
16, 32
3 to 5ICLK*6
000C 2128h
GPT0
A/D converter start request timing double-buffer
register A
GTADTDBRA
16
16, 32
3 to 5ICLK*6
000C 212Ch
GPT0
A/D converter start request timing register B
GTADTRB
16
16, 32
3 to 5ICLK*6
000C 212Eh
GPT0
A/D converter start request timing buffer register
B
GTADTBRB
16
16, 32
3 to 5ICLK*6
000C 2130h
GPT0
A/D converter start request timing double-buffer
register B
GTADTDBRB
16
16, 32
3 to 5ICLK*6
000C 2134h
GPT0
General PWM timer output negate control
register
GTONCR
16
16, 32
3 to 5ICLK*6
000C 2136h
GPT0
General PWM timer dead time control register
GTDTCR
16
16, 32
3 to 5ICLK*6
000C 2138h
GPT0
General PWM timer dead time value register
GTDVU
16
16, 32
3 to 5ICLK*6
000C 213Ah
GPT0
General PWM timer dead time value register
GTDVD
16
16, 32
3 to 5ICLK*6
000C 213Ch
GPT0
General PWM timer dead time buffer register
GTDBU
16
16, 32
3 to 5ICLK*6
000C 213Eh
GPT0
General PWM timer dead time buffer register
GTDBD
16
16, 32
3 to 5ICLK*6
000C 2140h
GPT0
General PWM timer output protection function
status register
GTSOS
16
16, 32
3 to 5ICLK*6
000C 2142h
GPT0
General PWM timer output protection function
temporary release register
GTSOTR
16
16, 32
3 to 5ICLK*6
000C 2180h
GPT1
General PWM timer I/O control register
GTIOR
16
8, 16, 32
3 to 5ICLK*6
000C 2182h
GPT1
General PWM timer interrupt output setting
register
GTINTAD
16
8, 16, 32
3 to 5ICLK*6
000C 2184h
GPT1
General PWM timer control register
GTCR
16
8, 16, 32
3 to 5ICLK*6
000C 2186h
GPT1
General PWM timer buffer enable register
GTBER
16
8, 16, 32
3 to 5ICLK*6
Table 4.1
List of I/O Registers (Address Order) (20 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com