Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FS040ASB20EG Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 4Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 5Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 6Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 7Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 8Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 9Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 10Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 11Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
3
MCU Part Selection Guide and Reference
Table 1 displays the basic features and package styles available for each device within the Z8FS040
ZMOTION
TM MCU devices.
The ZMOTION
TM MCU is available on its own or as a package which includes the MCU, lens and
pyroelectric sensor together. The part numbers for the ZMOTION MCU are shown below.
See Ordering Information for full ZMOTION
TM Product Family part numbers.
ZMOTION MCU
Part Number
Z8 Encore XP
Base Part Number
Flash
Memory
GP
I/O
ADC
Channels
Package
Pin Configuration
Diagram
Z8FS040xSB20EG Z8F082ASB020EG
4 KB
5
3
8 pin
SOIC
Figure 2
Z8FS040xHH20EG Z8F082AHH020EG
4 KB
16
4
20 pin
SSOP
Figure 3
Z8FS040xHJ20EG
Z8F082AHJ020EG
4 KB
22
6
28 pin
SSOP
Figure 4
Where x = PIR Technology Revision Identifier (see Table 2)
Please refer to the base part number in Product Specification - PS0228 “Z8 Encore! XP® F082A
Series Product Specification” for all MCU functions, features, and specifications not covered in this
document.
PIR Technology Revisions
Version
Part Number Engine
Revision Identifier
Description
1.00
A
Initial release for ZEPIR0AAS01SBCG. 8-pin version only
2.00
B
ZMOTION
TM MCU Series release. Improved
detection/stability. Added Range, Low Power, Extended
Detection, Dual Pyro, Advanced API features
Table 2 - PIR Technology Revision Identifiers
Table 1 - Z8FS040 ZMOTION
TM MCU Series Part Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com