Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FS040ASB20EG Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 31Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 32Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 33Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 34Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 35Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 36Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 37Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 38Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
30
MD Origin (Bit 2)
Origin of last motion detection event
Controlled by PIR engine
This bit indicates how the PIR engine detected the last Motion Detected Event. When the engine sets
the Motion Detected bit in PIRStatus0, it also sets this bit according to which detection engine registered
the event.
0 – Normal Motion Detector
1 – Extended Motion Detector
EM Noise Detected (Bit 1)
EM Noise Detected on PIR Signal
Set by PIR engine; cleared by application
This bit indicates if the engine has detected noise on the PIR signal. This event is provided to the user
application to indicate that an EM noise event has occurred and associated motion event(s) may have
been suppressed by the engine. This bit does not have to be read for normal operation and is provided
as status only. The application must clear this bit after it has been read.
EM Transient Detected (Bit 0)
EM Transient Detected on PIR Signal
Set by PIR engine; cleared by application
This bit indicates if the Engine has detected a transient on the PIR signal. This event is provided to the
user application to indicate that an EM transient event has occurred and associated motion event(s)
may have been suppressed by the engine. This bit does not have to be read for normal operation and is
provided as status only. The application must clear this bit after it has been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com