Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FS040ASB20EG Datasheet(PDF) 20 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 16Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 17Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 18Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 19Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 20Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 21Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 22Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 23Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
15
Low-Power Operational Amplifier
The AMPINP signal is multiplexed with ANA2 which is used for the pyro sensor input.
Therefore this peripheral is not available on any of the Z8FS040 devices.
Non-Volatile Data Storage
There is no dedicated non-volatile data storage on the Z8FS040 devices.
Pin Configurations
Although most pins on the ZMOTION
TM MCU Series are available to the application, some
pins are dedicated to supporting the PIR functions. The following section describes which pins
are reserved and which are available to the application. The pins used by Zilog’s PIR
technology are automatically configured when the engine is initialized.
General-Purpose Input/Output
All of the General Purpose I/O’s are available except for those used for the PIR circuit. See example
application schematics, Appendix A for more information.
8 Pin Device: Pin 5 (ANA2) is reserved as the analog ADC input from the pyroelectric sensor.
Any other functions multiplexed with Pin 5 (PA3//CTS0, COUT and T1IN) are not available for
user applications.
In dual pyro mode (application uses 2 pyroelectric sensors) Pin 3 (ANA3) is used as an analog
ADC input for second sensor and is therefore not available for other functions
(T0OUT/Vref/CLKIN).
20 Pin Device: Pin 2 (ANA2) is reserved as the analog ADC input from the pyroelectric
sensor. In single pyro mode, Pin 3 (ANA3) must be externally tied to VREF on Pin 18
(PC2/ANA6/LED/VREF). PC2 will be configured as the VREF output by the PIR engine when it is
enabled.
In dual pyro mode (supporting 2 pyroelectric sensors), Pin 3 (ANA3) is used for the second
sensor. In this mode the Pin 18 VREF signal is not connected externally to any other ADC inputs
and is therefore available to the application (PC2/ANA6/LED/ VREF).
28 Pin Device: Pin 1 (ANA2) is reserved as the analog ADC input from the pyroelectric
sensor. In single pyro mode, Pin 4 (ANA3) must be externally tied to VREF on Pin 3 (PB5/ VREF).
PB5 will be configured as VREF output by the PIR engine when it is enabled.
In dual pyro mode (supporting 2 pyroelectric sensors), Pin 4 (ANA3) is used for second
sensor. In this mode the Pin 3 VREF signal is not connected externally to any other ADC inputs
and is therefore available to the application (PB5/ VREF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com