Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FS040ASB20EG Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 15Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 16Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 17Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 18Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 19Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 20Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 21Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 22Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
14
UART
8 Pin Device: /CTS0 is configured as ANA2 to support the signal input from the Pyroelectric
sensor. It is therefore not available to the user application. The UART is still able to function
correctly without /CTS when CTSE in the U0CTL0 register set to 0.
20 Pin Device: All external UART functions are available for the user application.
28 Pin Device: All external UART functions are available for the user application.
Oscillator Control
All devices can be operated with the internal 5.54 MHz IPO. For applications that require more
processing power or a more accurate time base, an external crystal oscillator or ceramic
resonator may be used.
For the 8 pin device external oscillator support is limited to single pyro mode only since ANA3
(ADC input for second pyro sensor) is multiplexed with Xout. The 20 and 28 pin devices can
be operated with an external oscillator in both single and dual pyro modes.
Do not operate at frequencies lower than the IPO frequency while the PIR engine is enabled or
motion detection performance will be degraded.
No other changes or limitations are placed on these functions by the PIR engine.
Flash Memory
The control registers associated with the Flash memory are all available to the application.
Zilog’s PIR technolgoy uses the value programmed into the Flash Frequency registers
(FFREQ) to determine its required sample timing. This register must be programmed prior to
initializing the PIR engine. The Flash Frequency High (FFREQH) and Flash Frequency Low
Byte (FFREQL) registers combine to form a 16-bit value FFREQ. This value is also used by
the PIR engine to calculate the required sample rate of the ADC and other functions. The 16-
bit value for FFREQ is the System Clock Frequency in KHz and is calculated using the
following equation.
FFREQ[15:0] = {FFREQH[7:0],FFREQL[7:0]} = (System Clock Frequency)/1000 
Interrupt Controller
No changes or limitations are placed on the interrupt controller functions by Zilog’s PIR
technology.
Temperature Sensor
The temperature sensor is not tested or calibrated (trim bits are not available). Therefore this
peripheral is not available on any of the Z8FS040 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com