| Electronic Components Datasheet Search |
|
Z8FS040ASB20EG Datasheet(PDF) 26 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS040ASB20EG Datasheet(HTML) 26 Page - Zilog, Inc. |
|
26 / 56 page ![]() ZMOTION TM Detection and Control Family Product Specification PS028506-1110 PRELIMINARY 21 PIR Status/Control Register 0 (ePIR_SC0) Bit 7 6 5 4 3 2 1 0 Field Extended Detection Engine Disabled MD Suspend Motion Direction Control Motion Direction Motion Detected PIR Stable Control R/W R R/W R/W R R/W R Address 102H Extended Detection Level (Bit 6-7) Sets the sensitivity level of extended detector Controlled by application These 2 bits enhance the motion detection algorithms to detect slower, faster and/or more subtle motion. The Extended Detection level is selected to provide a balance between additional sensitivity while maintaining stability (no false detections). In certain applications such as lighting control the Extended Detection level can be increased once ‘normal’ motion has been detected. Extended detection is dependent on the lens pattern used. Smaller lens beams tend to provide more subtle motion detection. The Extended Detection level effects user control over the range provided in ePIR_SC2. As the Extended Detection level is increased, the Range setting becomes less effective. 00 = Extended Detection Level 0 – Minimum (least sensitive) 01 = Extended Detection Level 1 10 = Extended Detection Level 2 11 = Extended Detection Level 3 – High (most sensitive) Engine Disabled (Bit 5) PIR Engine Disable/Suspend Acknowledged Controlled by PIR engine This bit indicates the operational status of and is controlled by the PIR engine. When the engine is initialized and enabled by loading the PIR Enable Register with the ePIR_ENABLE_PATTERN value, this bit is cleared to indicate that the Engine is ready. When the Engine is disabled by loading the PIR Enable Register with the ePIR_DISABLE_PATTERN, it will respond by setting this bit to 1 and perform no further operations until re-enabled. In order for the Engine to detect that it has been disabled, the user must allow the Engine ADC interrupt to run at least once after loading the PIR Enable Register with the ePIR_DISABLE_PATTERN. 0 = Engine is enabled and operational 1 = Engine is disabled and not operational |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |