Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FS040ASB20EG Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 42Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 43Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 44Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 45Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 46Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 47Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 48Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 49Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
41
Appendix A
Example Application Schematics
Z8FS040xSB20EG - (8 Pin)
Figure 10 shows an example circuit for the 8 pin device of the ZMOTION
TM Detection and
Control MCU Family. The interface to the pyroelectric sensor is via the dedicated input ANA2
(pin 5). The status LED is driven by pin 6 which is normally configured as a GPIO by the
application to control the state of the LED. Pin 2 is used as the debug input to the chip, but can
be used for other functions as required. Pin 4 is set up for the Reset function, but may also be
used for other functions as the application requires. Pull-up resistors (10K) are provided on the
Debug and Reset signals as required for the Debug interface. The signals on pins 3 and 7 can
be used as needed. The power supply design is left to the application needs.
In Dual Pyro mode, the second Pyroelectric sensor is connected to Pin 3 (ANA3). All other
connections remain the same.
VDD
PA1/T0OUT/XOUT/ANA3/VREF/CLKIN
PA0/T0IN/T0OUT/XIN//DBG
PA2/RESET/DE0/T1OUT
VSS
ANA2
PA4/RXD0/ANA1/CINN
PA5/TXD0/T1OUT/ANA0/CINP
Z8FS040xSB20EG
1
2
3
4
8
7
6
5
VDD (3.3V)
1uF
1uF
1
2
3
4
5
6
VCC
RESET
GND
DBG
GND
NC
47K
10K
10K
Debug Header
Pyro Electric
Sensor
VDD
GND
SIG
470
Status LED
VDD (3.3V)
To Second Pyro Electric
Sensor in Dual Pyro Mode
Figure 10 - Required Circuit Connections of Z8FS040xSB20EG
(8 Pin) Motion Detection MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com