Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FS040ASB20EG Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 21Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 22Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 23Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 24Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 25Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 26Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 27Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 28Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
20
PIR Engine Enable Register (ePIR_Enable)
Bit
7
6
5
4
3
2
1
0
Field
PIR Enable/Disable Pattern
Control
Read/Write
Address
100H
PIR Enable/Disable Pattern (Bits 0-7)
PIR Enable/Disable Register
Controlled by Application
The PIR Enable Register controls the overall operation of the PIR engine. As an added level of
protection, there is a specific 8 bit enable value and 8 bit disable value. All other values are reserved.
Reading this register returns the last value written. Once enabled, the PIR engine reads the application
controlled Status/Control Register values and sets the engine controlled values to their default state.
To enable the PIR engine, first write the ePIR_ENABLE_PATTERN to the PIR Enable Register then
execute the EPIR_INIT macro.
Pattern
Name
Description
00h
ePIR_DISABLE_PATTERN
Disables all Engine functions, including motion detection.
Used to temporarily or permanently shut down the engine.
11h
ePIR_ENABLE_PATTERN
Enables the PIR engine. All primary engine functions as
configured in Engine Status/Control Registers are enabled.
Confirmation of enabled status is provided through Engine
Disabled bit in Status/Control Register 0.
Table 6 - PIR Software Enable Patterns
PIR Sensitivity Register (ePIR_Sensitivity)
Bit
7
6
5
4
3
2
1
0
Field
Sensitivity
Default
U
U
U
U
U
U
U
U
Control
Read/Write
Address
101H
Sensitivity (Bits 0-7)
PIR Sensitivity Setting
Controlled by Application
The PIR Sensitivity Register is used to adjust the sensitivity of the PIR engine to target motion. Lower
values produce higher sensitivity to motion with 00h being the most sensitive and FFh being the least
sensitive. The user application should load this register with the appropriate value to give the desired
sensitivity.
Notes:
The setting of this register also affects the range of detection. Lower values increase range and
higher values decrease range.
Depending on the lens and pyroelectric sensor used, values above 3Fh may result in very limited
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com