Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101 Datasheet(PDF) 28 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 28 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 25Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 26Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 27Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 28Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 29Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 30Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 386 page
background image
FIGURE 2-11:
AC-TO-DC POWER SUPPLY WITH PFC AND THREE OUTPUTS (12V, 5V, AND 3.3V)
k4
ADC
Channel
PWM
UART
RX
PWM
IZVT
VHV_BUS
VOUT
Isolation
Barrier
ADC
Channel
FET
Driver
FET
Driver
FET
Driver
dsPIC33FJ16GS504
k6
Analog
Comp.
UART
TX
k10
k7
k9
k8
k11
k5
ADC
Channel
Analog Comparator
Analog Comparator
ADC Channel
Analog Comparator
ADC
Channel
PWM
PWM
3.3V Output
5V Output
I5V
12V Input
FET
Driver
FET
Driver
FET
Driver
FET
Driver
I3.3V_3
I3.3V_2
I3.3V_1
dsPIC33FJ16GS504
VAC
IPFC
VHV_BUS
|VAC|
k1
k2
k3
FET Driver
ADC
Ch.
ADC
Ch.
PWM
Output
ADC
Ch.
PFC Stage
3.3V Multi-Phase Buck Stage
ZVT with Current Doubler Synchronous Rectifier
5V Buck Stage
Secondary Controller
Primary Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com