Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101 Datasheet(PDF) 62 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 62 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 58Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 59Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 60Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 61Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 62Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 63Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 64Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 65Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 386 page
background image
TABLE 4-27:
HIGH-SPEED 10-BIT ADC REGISTER MAP FOR dsPIC33FJ06GS202 DEVICES ONLY
TABLE 4-28:
HIGH-SPEED 10-BIT ADC REGISTER MAP FOR dsPIC33FJ16GS402/404 DEVICES ONLY
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADCON
0300
ADON
—ADSIDL
SLOWCLK
—GSWTRG
—
FORM
EIE
ORDER
SEQSAMP
ASYNCSAMP
—
ADCS<2:0>
0003
ADPCFG
0302
—
—
—
—
—
—
—
—
—
—
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
ADSTAT
0306
—
—
—
—
—
—
—
—
—P6RDY
—
—
—
P2RDY
P1RDY
P0RDY
0000
ADBASE
0308
ADBASE<15:1>
—
0000
ADCPC0
030A
IRQEN1
PEND1
SWTRG1
TRGSRC1<4:0>
IRQEN0
PEND0
SWTRG0
TRGSRC0<4:0>
0000
ADCPC1
030C
—
—
—
—
—
—
—
—
IRQEN2
PEND2
SWTRG2
TRGSRC2<4:0>
0000
ADCPC3
0310
—
—
—
—
—
—
—
—
IRQEN6
PEND6
SWTRG6
TRGSRC6<4:0>
0000
ADCBUF0
0320
ADC Data Buffer 0
xxxx
ADCBUF1
0322
ADC Data Buffer 1
xxxx
ADCBUF2
0324
ADC Data Buffer 2
xxxx
ADCBUF3
0326
ADC Data Buffer 3
xxxx
ADCBUF4
0328
ADC Data Buffer 4
xxxx
ADCBUF5
032A
ADC Data Buffer 5
xxxx
ADCBUF12
0338
ADC Data Buffer 12
xxxx
ADCBUF13
033A
ADC Data Buffer13
xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADCON
0300
ADON
—ADSIDL
SLOWCLK
—GSWTRG
—
FORM
EIE
ORDER
SEQSAMP
ASYNCSAMP
—
ADCS<2:0>
0003
ADPCFG
0302
—
—
—
—
—
—
—
—
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
ADSTAT
0306
—
—
—
—
—
—
—
—
—
—
—
—
P3RDY
P2RDY
P1RDY
P0RDY
0000
ADBASE
0308
ADBASE<15:1>
—
0000
ADCPC0
030A
IRQEN1
PEND1
SWTRG1
TRGSRC1<4:0>
IRQEN0
PEND0
SWTRG0
TRGSRC0<4:0>
0000
ADCPC1
030C
IRQEN3
PEND3
SWTRG3
TRGSRC3<4:0>
IRQEN2
PEND2
SWTRG2
TRGSRC2<4:0>
0000
ADCBUF0
0320
ADC Data Buffer 0
xxxx
ADCBUF1
0322
ADC Data Buffer 1
xxxx
ADCBUF2
0324
ADC Data Buffer 2
xxxx
ADCBUF3
0326
ADC Data Buffer 3
xxxx
ADCBUF4
0328
ADC Data Buffer 4
xxxx
ADCBUF5
032A
ADC Data Buffer 5
xxxx
ADCBUF6
032C
ADC Data Buffer 6
xxxx
ADCBUF7
032E
ADC Data Buffer 7
xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com