Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101 Datasheet(PDF) 97 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 97 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 93Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 96Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 97Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 98Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 99Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 100Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 386 page
background image
© 2008-2012 Microchip Technology Inc.
DS70318F-page 97
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
TABLE 7-1:
INTERRUPT VECTORS
Vector
Number
Interrupt
Request
(IQR)
IVT Address
AIVT Address
Interrupt Source
Highest Natural Order Priority
8
0
0x000014
0x000114
INT0 – External Interrupt 0
9
1
0x000016
0x000116
IC1 – Input Capture 1
10
2
0x000018
0x000118
OC1 – Output Compare 1
11
3
0x00001A
0x00011A
T1 – Timer1
12
4
0x00001C
0x00011C
Reserved
13
5
0x00001E
0x00011E
IC2 – Input Capture 2
14
6
0x000020
0x000120
OC2 – Output Compare 2
15
7
0x000022
0x000122
T2 – Timer2
16
8
0x000024
0x000124
T3 – Timer3
17
9
0x000026
0x000126
SPI1E – SPI1 Fault
18
10
0x000028
0x000128
SPI1 – SPI1 Transfer Done
19
11
0x00002A
0x00012A
U1RX – UART1 Receiver
20
12
0x00002C
0x00012C
U1TX – UART1 Transmitter
21
13
0x00002E
0x00012E
ADC – ADC Group Convert Done
22-23
14-15
0x000030-0x000032
0x000130-0x000132 Reserved
24
16
0x000034
0x000134
SI2C1 – I2C1 Slave Event
25
17
0x000036
0x000136
MI2C1 – I2C1 Master Event
26
18
0x000038
0x000138
CMP1 – Analog Comparator 1 Interrupt
27
19
0x00003A
0x00013A
CN – Input Change Notification Interrupt
28
20
0x00003C
0x00013C
INT1 – External Interrupt 1
29-36
21-28
0x00003E-0x00004C 0x00013E-0x00014C Reserved
37
29
0x00004E
0x00014E
INT2 – External Interrupt 2
38-64
30-56
0x000050-0x000084
0x000150-0x000184 Reserved
65
57
0x000086
0x000186
PWM PSEM Special Event Match
66-72
58-64
0x000088-0x000094
0x000188-0x000194 Reserved
73
65
0x000096
0x000196
U1E – UART1 Error Interrupt
74-101
66-93
0x000098-0x0000CE 0x000198-0x0001CE Reserved
102
94
0x0000D0
0x0001D0
PWM1 – PWM1 Interrupt
103
95
0x0000D2
0x0001D2
PWM2 – PWM2 Interrupt
104
96
0x0000D4
0x0001D4
PWM3 – PWM3 Interrupt
105
97
0x0000D6
0x0001D6
PWM4 – PWM4 Interrupt
106-110
98-102
0x0000D8-0x0000E0 0x0001D8-0x0001E0 Reserved
111
103
0x0000E2
0x00001E2
CMP2 – Analog Comparator 2
112
104
0x0000E4
0x0001E4
CMP3 – Analog Comparator 3
113
105
0x0000E6
0x0001E6
CMP4 – Analog Comparator 4
114-117
106-109
0x0000E8-0x0000EE 0x0001E8-0x0001EE Reserved
118
110
0x0000F0
0x0001F0
ADC Pair 0 Convert Done
119
111
0x0000F2
0x0001F2
ADC Pair 1 Convert Done
120
112
0x0000F4
0x0001F4
ADC Pair 2 Convert Done
121
113
0x0000F6
0x0001F6
ADC Pair 3 Convert Done
122
114
0x0000F8
0x0001F8
ADC Pair 4 Convert Done
123
115
0x0000FA
0x0001FA
ADC Pair 5 Convert Done
124
116
0x0000FC
0x0001FC
ADC Pair 6 Convert Done
125
117
0x0000FE
0x0001FE
Reserved
Lowest Natural Order Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com