Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101 Datasheet(PDF) 51 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 51 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 49Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 50Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 51Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 52Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 53Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 54Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 386 page
background image
TABLE 4-6:
INTERRUPT CONTROLLER REGISTER MAP FOR dsPIC33FJ06GS102 DEVICES ONLY
File
Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1
0080
NSTDIS
OVAERR
OVBERR COVAERR COVBERR OVATE
OVBTE
COVTE SFTACERR DIV0ERR
—
MATHERR ADDRERR
STKERR
OSCFAIL
—
0000
INTCON2
0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
—
—
INT2EP
INT1EP
INT0EP
0000
IFS0
0084
—
—
ADIF
U1TXIF
U1RXIF
SPI1IF
SPI1EIF
—T2IF
—
—
—T1IF
OC1IF
—INT0IF
0000
IFS1
0086
—
—INT2IF
—
—
—
—
—
—
—
—INT1IF
CNIF
—
MI2C1IF
SI2C1IF
0000
IFS3
008A
—
—
—
—
—
—PSEMIF
—
—
—
—
—
—
—
—
—
0000
IFS4
008C
—
—
—
—
—
—
—
—
—
—
—
—
—
—U1EIF
—
0000
IFS5
008E
PWM2IF
PWM1IF
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
IFS6
0090
ADCP1IF ADCP0IF
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
IFS7
0092
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
ADCP2IF 0000
IEC0
0094
—
—
ADIE
U1TXIE
U1RXIE
SPI1IE
SPI1EIE
—T2IE
—
—
—T1IE
OC1IE
—INT0IE
0000
IEC1
0096
—
—INT2IE
—
—
—
—
—
—
—
—
INT1IE
CNIE
—
MI2C1IE
SI2C1IE
0000
IEC3
009A
—
—
—
—
—
—PSEMIE
—
—
—
—
—
—
—
—
—
0000
IEC4
009C
—
—
—
—
—
—
—
—
—
—
—
—
—
—U1EIE
—
0000
IEC5
009E
PWM2IE
PWM1IE
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
IEC6
00A0 ADCP1IE ADCP0IE
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
IEC7
00A2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—ADCP2IE 0000
IPC0
00A4
—
T1IP<2:0>
—
OC1IP<2:0>
—
—
—
—
—INT0IP<2:0>
4404
IPC1
00A6
—
T2IP<2:0>
—
—
—
—
—
—
—
—
—
—
—
—
4000
IPC2
00A8
—
U1RXIP<2:0>
—
SPI1IP<2:0>
—SPI1EIP<2:0>
—
—
—
—
4440
IPC3
00AA
—
—
—
—
—
—
—
—
-—
ADIP<2:0>
—
U1TXIP<2:0>
0044
IPC4
00AC
—CNIP<2:0>
—
—
—
—
—
MI2C1IP<2:0>
—
SI2C1IP<2:0>
4044
IPC5
00AE
—
—
—
—
—
—
—
—
—
—
—
—
—INT1IP<2:0>
0004
IPC7
00B2
—
—
—
—
—
—
—
—
—
INT2IP<2:0>
—
—
—
—
0040
IPC14
00C0
—
—
—
—
—
—
—
—
—
PSEMIP<2:0>
—
—
—
—
0040
IPC16
00C4
—
—
—
—
—
—
—
—
—
U1EIP<2:0>
—
—
—
—
0040
IPC23
00D2
—
PWM2IP<2:0>
—
PWM1IP<2:0>
—
—
—
—
—
—
—
—
4400
IPC27
00DA
—
ADCP1IP<2:0>
—
ADCP0IP<2:0>
—
—
—
—
—
—
—
—
4400
IPC28
00DC
—
—
—
—
—
—
—
—
—
—
—
—
—
ADCP2IP<2:0>
0004
INTTREG
00E0
—
—
—
—ILR<3:0>
—
VECNUM<6:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com