Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101 Datasheet(PDF) 69 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 69 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 65Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 66Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 67Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 68Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 69Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 70Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 71Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 72Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 386 page
background image
TABLE 4-41:
SYSTEM CONTROL REGISTER MAP
TABLE 4-42:
NVM REGISTER MAP
TABLE 4-43:
PMD REGISTER MAP FOR dsPIC33FJ06GS101 DEVICES ONLY
TABLE 4-44:
PMD REGISTER MAP FOR dsPIC33FJ06GS102 DEVICES ONLY
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RCON
0740
TRAPR
IOPUWR
—
—
—
—
CM
VREGS
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
xxxx
(1)
OSCCON
0742
—
COSC<2:0>
—
NOSC<2:0>
CLKLOCK
IOLOCK
LOCK
—CF
—
—
OSWEN
0300(2)
CLKDIV
0744
ROI
DOZE<2:0>
DOZEN
FRCDIV<2:0>
PLLPOST<1:0>
—
PLLPRE<4:0>
3040
PLLFBD
0746
—
—
—
—
—
—
—
PLLDIV<8:0>
0030
REFOCON
074E
ROON
—
ROSSLP
ROSEL
RODIV<3:0>
—
—
—
—
—
—
—
—
0000
OSCTUN
0748
—
—
—
—
—
—
—
—
—
—
TUN<5:0>
0000
ACLKCON
0750
ENAPLL
APLLCK
SELACLK
—
—
APSTSCLR<2:0>
ASRCSEL
FRCSEL
—
—
—
—
—
—
2300
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
The RCON register Reset values are dependent on type of Reset.
2:
The OSCCON register Reset values are dependent on the FOSC Configuration bits and on type of Reset.
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
NVMCON
0760
WR
WREN
WRERR
—
—
—
—
—
—ERASE
—
—NVMOP<3:0>
0000
(1)
NVMKEY
0766
—
—
—
—
—
—
—
—
NVMKEY<7:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Reset value shown is for POR only. Value on other Reset states is dependent on the state of memory write or erase operations at the time of Reset.
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMD1
0770
—
—
—
T2MD
T1MD
—
PWMMD
—
I2C1MD
—U1MD
—SPI1MD
—
—ADCMD
0000
PMD2
0772
—
—
—
—
—
—IC2MD
IC1MD
—
—
—
—
—
—OC2MD
OC1MD
0000
PMD3
0774
—
—
—
—
—
CMPMD
—
—
—
—
—
—
—
—
—
—
0000
PMD4
0776
—
—
—
—
—
—
—
—
—
—
—
—REFOMD
—
—
—
0000
PMD6
077A
—
—
—
—PWM4MD
—
—PWM1MD
—
—
—
—
—
—
—
—
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMD1
0770
—
—
—
T2MD
T1MD
—
PWMMD
—
I2C1MD
—U1MD
—SPI1MD
—
—ADCMD
0000
PMD2
0772
—
—
—
—
—
—IC2MD
IC1MD
—
—
—
—
—
—OC2MD
OC1MD
0000
PMD3
0774
—
—
—
—
—
CMPMD
—
—
—
—
—
—
—
—
—
—
0000
PMD4
0776
—
—
—
—
—
—
—
—
—
—
—
—REFOMD
—
—
—
0000
PMD6
077A
—
—
—
—
—
—
PWM2MD
PWM1MD
—
—
—
—
—
—
—
—
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com