Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2811 Datasheet HTML 1Page - Micrel Semiconductor MIC2811 Datasheet HTML 2Page - Micrel Semiconductor MIC2811 Datasheet HTML 3Page - Micrel Semiconductor MIC2811 Datasheet HTML 4Page - Micrel Semiconductor MIC2811 Datasheet HTML 5Page - Micrel Semiconductor MIC2811 Datasheet HTML 6Page - Micrel Semiconductor MIC2811 Datasheet HTML 7Page - Micrel Semiconductor MIC2811 Datasheet HTML 8Page - Micrel Semiconductor MIC2811 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
5
M9999-042208-A
Electrical Characteristics - LDO1 and LDO2
VIN = DVIN = VOUTMAX + 1V, VIN1 = VEN1 = VLDO1 + 1V; VIN2 = VEN2 = VLDO2 + 1V ; COUTLDO1 = COUTLDO2 = 2.2µF, ILDO1 = ILDO2 = 100µA; TJ =
25°C, VEN = VEN3 = GND, bold values indicate –40°C< TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
-2.0
-3.0
+2.0
+3.0
%
%
Output Current Capability
VIN > 1.8V
300
mA
Load Regulation
IOUT = 100µA to 300mA
0.3
1.5
%
Line Regulation
VIN1(2) = VLDO1(2) +1V to 5.5V
0.02
0.3
%/V
Dropout Voltage
IOUT = 300mA @ Vout > 1.5V
142
300
mV
Current Limit
VOUT = 0V
350
650
900
mA
Ripple Rejection
f = up to 1kHz; COUT = 2.2µF; CBYP = 0.1µF
f = 20kHz; COUT = 2.2µF; CBYP = 0.1µF
70
44
dB
dB
Output Voltage Noise
COUT = 2.2µF; CBYP = 0.1µF; 10Hz to 100KHz
30
µVRMS
Electrical Characteristics – LDO3
VIN = DVIN = VEN3 = VLDO3 +1 V; COUT3 = 2.2µF; IOUTLDO3 = 100µA; TJ = 25°C, VEN1 = VEN2 = GND
bold
values indicate –40°C< TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
-2.0
-3.0
+2.0
+3.0
%
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.03
0.5
%/V
Load Regulation
IOUT = 100µA to 300mA @ 3.3V
0.50
1.5
%
Dropout Voltage
IOUT = 300mA @ Vin = 2.7V
210
350
mV
Ripple Rejection
f = up to 1kHz; COUT = 2.2µF
f = 20kHz; COUT = 2.2µF
45
20
dB
dB
Current Limit
VOUT = 0V
350
600
980
mA
Output Voltage Noise
COUT = 2.2µF, 10Hz to 100kHz
470
µVRMS
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com