Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2811 Datasheet HTML 3Page - Micrel Semiconductor MIC2811 Datasheet HTML 4Page - Micrel Semiconductor MIC2811 Datasheet HTML 5Page - Micrel Semiconductor MIC2811 Datasheet HTML 6Page - Micrel Semiconductor MIC2811 Datasheet HTML 7Page - Micrel Semiconductor MIC2811 Datasheet HTML 8Page - Micrel Semiconductor MIC2811 Datasheet HTML 9Page - Micrel Semiconductor MIC2811 Datasheet HTML 10Page - Micrel Semiconductor MIC2811 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
7
M9999-042208-A
Typical Characteristics (LDO)
0
10
20
30
40
50
60
70
80
90
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
MIC2811 LDO1 PSRR
10mA
150mA
300mA
10
100
1k
10k 100k 1M
0
10
20
30
40
50
60
70
80
90
100
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
MIC2811 LDO2 PSRR
10mA
150mA
300mA
10
100
1k
10k 100k
1M
0
10
20
30
40
50
60
70
80
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
MIC2811 LDO3 PSRR
10mA
150mA
300mA
10
100
1k
10k 100k
1M
0.001
0.01
0.1
1
10
MIC2811 LDO1 Output Noise
Spectral Density
VIN = 4V
COUT = 2.2µF
CBYP = 0.1µF
VOUT = 1.8V
Noise(10Hz to 100kHz) = 35.88µVRMS
10 100
1k
10k 100k 1M 10M
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
MIC2811 LDO2 Output Noise
Spectral Density
VIN = 4V
COUT = 2.2µF
CBYP = 0.1µF
VOUT = 2.5V
Noise(10Hz to 100kHz) = 46.75µVRMS
10 100
1k
10k 100k 1M 10M
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
MIC2811 LDO3 Output Noise
Spectral Density
VIN = 4V
COUT = 2.2µF
CBYP = 0.1µF
VOUT = 2.7V
Noise(10Hz to 100kHz) = 91.93µVRMS
10 100
1k
10k 100k 1M 10M
FREQUENCY (Hz)
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
TEMPERATURE (°C)
LDO1
vs. Temperature
V
IN
= 4V
C
OUT
= 2.2µF
2.35
2.4
2.45
2.5
2.55
2.6
2.65
TEMPERATURE (°C)
LDO2
vs. Temperature
V
IN
= 4V
C
OUT
= 2.2µF
I
OUT
= 150mA
2.55
2.6
2.65
2.7
2.75
2.8
2.85
TEMPERATURE (°C)
LDO3
vs. Temperature
V
IN
= 4V
C
OUT
= 2.2µF
I
OUT
= 150mA
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO1
Load Regulation
V
IN
= 5.5V
V
IN1
= 3.6V
C = 2.2µF
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
22.5
3
3.5
44.5
55.5
VIN1 INPUT VOLTAGE (V)
LDO1
Line Regulation
V
IN
= 5.5V
I
LOAD
= 150mA
C = 2.2µF
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
2.525
2.53
VIN2 INPUT VOLTAGE (V)
LDO2
Line Regulation
I
LOAD
= 150mA
C = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com