Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2811 Datasheet HTML 4Page - Micrel Semiconductor MIC2811 Datasheet HTML 5Page - Micrel Semiconductor MIC2811 Datasheet HTML 6Page - Micrel Semiconductor MIC2811 Datasheet HTML 7Page - Micrel Semiconductor MIC2811 Datasheet HTML 8Page - Micrel Semiconductor MIC2811 Datasheet HTML 9Page - Micrel Semiconductor MIC2811 Datasheet HTML 10Page - Micrel Semiconductor MIC2811 Datasheet HTML 11Page - Micrel Semiconductor MIC2811 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
8
M9999-042208-A
Typical Characteristics (LDO cont.)
0
20
40
60
80
100
120
140
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO2 Dropout Voltage
vs. Load Current
V
IN
= 5.5V
V
OUT
= 1.2V
C = 2.2µF
2.4975
2.498
2.4985
2.499
2.4995
2.5
2.5005
2.501
2.5015
2.502
2.5025
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO2
Load Regulation
V
IN
= 5.5V
V
IN2
= 3.6V
C = 2.2µF
2.65
2.66
2.67
2.68
2.69
2.7
2.71
2.72
2.73
2.74
2.75
3.13.7
4.34.9
5.5
VIN3 INPUT VOLTAGE (V)
LDO3
Line Regulation
I
LOAD
= 150mA
C = 2.2µF
2.69
2.692
2.694
2.696
2.698
2.7
2.702
2.704
2.706
2.708
2.71
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO3
Load Regulation
V
IN
= 3.6V
C = 2.2µF
55
56
57
58
59
60
61
62
63
64
65
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO2 GND Current
vs. Output Current
V
IN
= 3.6V
C = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com