Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2811 Datasheet HTML 1Page - Micrel Semiconductor MIC2811 Datasheet HTML 2Page - Micrel Semiconductor MIC2811 Datasheet HTML 3Page - Micrel Semiconductor MIC2811 Datasheet HTML 4Page - Micrel Semiconductor MIC2811 Datasheet HTML 5Page - Micrel Semiconductor MIC2811 Datasheet HTML 6Page - Micrel Semiconductor MIC2811 Datasheet HTML 7Page - Micrel Semiconductor MIC2811 Datasheet HTML 8Page - Micrel Semiconductor MIC2811 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
3
M9999-042208-A
Pin Configuration
EN1
BIAS
SGND
PGND
VIN1
LDO1
VIN
LDO3
EN1
BIAS
SGND
PGND
VIN1
LDO1
VIN
LDO3
MIC2811
16-Pin 3mm x 3mm MLF
® (ML)
(Top View)
MIC2821
16-Pin 3mm x 3mm MLF
® (ML)
(Top View)
Pin Description
Pin Number
MIC2811
Pin Number
MIC2821
Pin Name
Pin Name
1
1
EN1
Enable Input (LDO 1). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
2
2
BIAS
Internal circuit bias supply. It must be de-coupled to signal ground with a
0.1µF capacitor and should not be loaded.
3
3
SGND
Signal ground.
4
4
PGND
Power ground.
5
5
SW
Switch (Output): Internal power MOSFET output switches.
6
6
DVIN
Power Supply for DC/DC converter. Must be tied to VIN.
7
7
VIN2
Power Supply to LDO2.
8
8
LDO2
Output of LDO2.
9
9
LDO3
Output of LDO3.
10
10
VIN
Supply to bias circuitry and power to LDO3, must be tied to DVIN.
11
11
LDO1
Output of LDO1.
12
12
VIN1
Power Supply to LDO1.
13
13
FB
Feedback input to the error amplifier of the DC/DC converter.
Adjust version: Use external resistor divider from DC/DC output to set VOUT.
Fixed voltage version: Connect directly to VOUT of the DC/DC converter.
14
N/A
BYP
Reference Bypass. Connect external 0.1µF to GND to reduce output noise.
May be left open. Do not connect directly to GND.
N/A
14
EN3
Enable Input (LDO3). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
15
N/A
EN
Enable Input (DC/DC and LDO3). Active High Input. Logic High = On; Logic
Low = Off; Do not leave floating.
N/A
15
EN
Enable Input (DC/DC). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
16
16
EN2
Enable Input (LDO2). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com