Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2811 Datasheet HTML 2Page - Micrel Semiconductor MIC2811 Datasheet HTML 3Page - Micrel Semiconductor MIC2811 Datasheet HTML 4Page - Micrel Semiconductor MIC2811 Datasheet HTML 5Page - Micrel Semiconductor MIC2811 Datasheet HTML 6Page - Micrel Semiconductor MIC2811 Datasheet HTML 7Page - Micrel Semiconductor MIC2811 Datasheet HTML 8Page - Micrel Semiconductor MIC2811 Datasheet HTML 9Page - Micrel Semiconductor MIC2811 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
6
M9999-042208-A
Typical Characteristics (DC/DC Converter)
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
TEMPERATURE (°C)
SW Frequency
vs. Temperature
V
IN
= 4V
V
OUT
= 1.2V
I
OUT
= 300mA
1.17
1.18
1.19
1.2
1.21
1.22
1.23
TEMPERATURE (°C)
Output Voltage
vs. Temperature
V
IN
= 4V
C
OUT
= 4.7µF
I
OUT
= 300mA
0
10
20
30
40
50
60
70
80
90
100
0
100 200 300 400 500 600
OUTPUT CURRENT (mA)
1.2VOUT Efficiency
L = 2.2µH
C = 2.2µF
3V
3.6V
4.2V
700
720
740
760
780
800
820
840
860
880
2.73.4
4.14.8
5.5
SUPPLY VOLTAGE (V)
DC/DC Enable Threshold
vs. Supply Voltage
I
LOAD
= 100mA
L = 2.2µH
C
OUT
= 2.2µF
Enable
Disable
1.2015
1.2018
1.2021
1.2024
1.2027
1.203
1.2033
1.2036
1.2039
2.7
3.4
4.1
4.8
5.5
INPUT VOLTAGE (V)
Line Regulation
I
OUT
= 300mA
L = 2.2µH
C
OUT
= 2.2µF
1.2
1.2005
1.201
1.2015
1.202
1.2025
1.203
1.2035
1.204
1.2045
1.205
0
100 200 300 400 500 600
OUTPUT CURRENT (mA)
Load Regulation
V
IN
= 3.6V
L = 2.2µH
C = 2.2µF
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
2.73.4
4.14.8
5.5
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
I
OUT
= 300mA
L = 2.2µH
C = 2.2µF
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
2.73.4
4.14.8
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
L = 2.2µH
C = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com