Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2811 Datasheet HTML 1Page - Micrel Semiconductor MIC2811 Datasheet HTML 2Page - Micrel Semiconductor MIC2811 Datasheet HTML 3Page - Micrel Semiconductor MIC2811 Datasheet HTML 4Page - Micrel Semiconductor MIC2811 Datasheet HTML 5Page - Micrel Semiconductor MIC2811 Datasheet HTML 6Page - Micrel Semiconductor MIC2811 Datasheet HTML 7Page - Micrel Semiconductor MIC2811 Datasheet HTML 8Page - Micrel Semiconductor MIC2811 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
4
M9999-042208-A
Absolute Maximum Ratings
(1)
Supply Voltage (DVIN, VIN, VIN1, VIN2) ................... 0V to +6V
Enable Voltage (VEN, VEN1, VEN2, VEN3) ................ 0V to +6V
Power Dissipation ................................. Internally Limited
(3)
Lead Temperature (Soldering, 10 sec.) ..................... 260°C
Storage Temperature (TS)...................–65°C ≤ TJ ≤ +150°C
ESD Rating
(4) ................................................................. 2kV
Operating Ratings
(2)
Supply voltage (DVIN, VIN) ......................... +2.7V to +5.5V
Supply voltage (VIN1, VIN2) ............................+1.65V to VIN
Enable Input Voltage (VEN, VEN1, VEN2, VEN3) ...... 0V to VIN
Junction Temperature Range (TJ) .........–40°C to +125°C
Package Thermal Resistance
3mm x 3mm MLF-16 (
θJA) .............................56°C/W
Electrical Characteristics
(5)
DVIN = VIN = VIN1 = VIN2 = VOUTMAX + 1V, L = 2.2µH; COUTDC/DC = 2.2µF, COUT1 = COUT2 = COUT3 = 2.2µF; IOUTDC/DC = 20mA;
IOUTLDO1 = IOUTLDO2 = IOUTLDO2 = 100µA; TJ = 25°C, bold values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
UVLO Threshold
Rising input voltage during turn-on (DVIN & VIN Only)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Ground Pin Current
VFB = 1.1*VFBNOM (not switching);
LDO2 or LDO1 Only (VEN = VEN3 = GND)
LDO3 only (VEN = VEN1 = VEN2 = GND / MIC2821 only)
All 3 LDOs
800
55
40
120
1100
85
95
µA
µA
µA
µA
µA
Ground Pin Current in
Shutdown
All EN = 0V
0.2
5
µA
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
23
°C
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.1
V
Enable Input Current
0.1
1
µA
Electrical Characteristics - DC/DC Converter
DVIN = VIN = VEN = VOUTDC/DC + 1V, L = 2.2µH; COUTDC/DC = 2.2µF, COUT1 = COUT2 = COUT3 = 2.2µF; IOUTDC/DC = 20mA; TJ = 25°C, bold
values indicate –40°C to + 125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Fixed Output Voltages
-2
-3
+2
+3
%
%
Current Limit in PWM Mode
VFB = 0.9*VFBNOM
0.75
1.2
1.8
A
FB pin input current (ADJ only)
1
nA
Output Voltage Line Regulation
VOUT > 2.4V; VIN = VOUT + 300mV to 5.5V, ILOAD= 20mA
VOUT < 2.4V; VIN = 2.7V to 5.5V, ILOAD= 20mA
0.2
%/V
%/V
Output Voltage Load Regulation
20mA < ILOAD < 300mA
0.2
1.5
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
Switch ON-Resistance
PMOS (0.7*VFBNOM)
NMOS (1.1*VFBNOM)
0.5
0.55
Ω
Ω
Oscillator Frequency
1.8
2
2.2
MHz
Turn-on Time
Turn-on Time (DC/DC)
ILOAD = 300mA; CBYP = 0.1µF
83
350
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com