Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2811 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2811 Datasheet HTML 9Page - Micrel Semiconductor MIC2811 Datasheet HTML 10Page - Micrel Semiconductor MIC2811 Datasheet HTML 11Page - Micrel Semiconductor MIC2811 Datasheet HTML 12Page - Micrel Semiconductor MIC2811 Datasheet HTML 13Page - Micrel Semiconductor MIC2811 Datasheet HTML 14Page - Micrel Semiconductor MIC2811 Datasheet HTML 15Page - Micrel Semiconductor MIC2811 Datasheet HTML 16Page - Micrel Semiconductor MIC2811 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Micrel, Inc.
MIC2811/2821
April 2008
14
M9999-042208-A
MIC2811/2821-YML Schematic
C1
4.7µF/6.3V
DVIN
VIN1
VIN2
7
VIN
10
EN2
16
BIAS
2
VIN1
12
LDO2
8
LDO1
11
EN
15
DVIN
6
EN1
1
SW
5
FB
13
LDO3
9
U1
MIC2811/2821-YML
J1
DVIN
C2
4.7µF/6.3V
DVIN
C3
4.7µF/6.3V
VIN1
C4
4.7µF/6.3V
VIN2
J2
GND
J3
VIN1
J4
VIN2
J6
EN
J7
EN1
J8
EN2
R5
10K
VIN2
R4
10K
C5
0.1µF (FOR MIC2811 ONLY)
J6
EN
R5
10K (FOR MIC2821 ONLY)
C6
0.1µF/10V
R2
OPTION
R1
OPTION
VO
J13
VOUT
J14
GND
C10
4.7µF/6.3V
L1
2.2µH
C9
2.2µF/6.3V
J10
VO_LDO3
VO-LDO3
C8
2.2µF/6.3V
J11
VO_LDO2
VO-LDO2
C7
2.2µF/6.3V
J12
VO_LDO1
J5
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com