Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8961GEFL/V Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 109Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 111Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
113
REGISTER
SETTING
COMMENT
0x02 - write
0x0065
Set the left headphone volume to -20dB
0x03 - write
0x0165
Set the right headphone volume to -20dB and update
headphone volume OUT1VU
0x28 - write
0x002F
Speaker L mute
0x29 - write
0x012F
Speaker R mute
Table 71 Switching from Speaker Playback to Headphone playback (-20dB volume setting)
LRINPUT TO ADC RECORD
In order to simplify the configuration of LRINPUT to ADC recording, the headphone output should first
be enabled
Figure 70 WM8961 Block Diagram for LRINPUT to ADC Record



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com