Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPXD3020VMS2R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
87
3.15
Flash memory electrical characteristics
3.15.1
Program/Erase characteristics
Table 25 shows the Code flash memory program and erase characteristics.
Table 26 shows the Data flash memory program and erase characteristics.
Table 25. Code flash program and erase electrical specifications
No.
Symbol
Parameter
Min
Typ1
NOTES:
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max2
2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for < 100
program/erase cycles, nominal supply values and operation at TJ = 25 °C. These values are verified at production
test.
Lifetime
Max3
3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life.
These values are characterized, but not tested.
Unit
1TDWPROGRAM
CC Double Word (64 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
—
18
50
500
µs
3T16KPPERASE
CC 16 KB block pre-program and erase time
—
200
500
5000
ms
4T32KPPERASE
CC 32 KB block pre-program and erase time
—
300
600
5000
ms
5T64KPPERASE
CC 64 KB block pre-program and erase time
—
400
900
5000
ms
6T128KPPERASE
CC 128 KB block pre-program and erase time
—
600
1300
7500
ms
Table 26. Data flash program and erase electrical specifications
No.
Symbol
Parameter
Min
Typ1
NOTES:
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max2
2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for < 100
program/erase cycles, nominal supply values and operation at TJ = 25 °C. These values are verified at production
test.
Lifetime
Max3
3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life.
These values are characterized, but not tested.
Unit
1TDWPROGRAM
CC Double Word (64 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
—
30
70
300
µs
3T16KPPERASE
CC 16 KB block pre-program and erase time
—
700
800
1500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com