Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXD3020VMS2R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
2
to assist with users’ implementations. See Section 3, Developer support, for more information.
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family members, and
highlights important electrical and physical characteristics of the devices.
This document provides electrical specifications, pin assignments, and package diagrams for the PXS30
series of microcontroller units (MCUs). For functional characteristics, see the PXS30 Microcontroller
Reference Manual.
1.2
Device comparison
Table 1. PXS30 Family Feature Set
Features
PXS3010
PXS3015
PXS3020
CPU
Type
2 × e200z7d (SoR1) in lock-step or decoupled operation
Architecture
Harvard
Execution speed
0–150 MHz (+2% FM)
0–180 MHz (+2% FM)
0–180 MHz (+2% FM)
Nominal platform
frequency (in 1:1, 1:2,
and 1:3 modes)
0–75 MHz (+2% FM)
0–90 MHz (+2% FM)
0–90 MHz (+2% FM)
MMU
64 entries (SoR)
Instruction set PPC
Yes
Instruction set VLE
Yes
Instruction cache
16 KB, 4-way with EDC (SoR)
Data cache
16 KB, 4-way with EDC (SoR)
MPU
Yes (SoR)
Buses
Core bus
32-bit address, 64-bit data
Internal periphery bus
32-bit address, 32-bit data
XBAR
Master
 slave ports
Yes (SoR)
Memory
Static RAM (SRAM)
256 KB (ECC)
384 KB (ECC)
512 KB (ECC)
Code Flash memory
1MB2
1.5 MB2
2MB2
Data Flash memory
64 KB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com