Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPXD3020VMS2R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
90
Table 34. GP pads DC electrical characteristics1,2
NOTES:
1 These specifications are design targets and subject to change per device characterization.
2 The values provided in this table are not applicable for PDI and EBI/DRAM interface.
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1VIL
SR Low level input voltage
—
–0.13
3 “SR” parameter values must not exceed the absolute maximum ratings shown in Table 11.
0.35 VDD_HV_IO
V
2VIH
SR High level input voltage
—0.65 VDD_HV_IO VDD_HV_IO +0.1
3
V
3VHYS
CC Schmitt trigger hysteresis
—0.1 VDD_HV_IO
—V
4VOL_S
CC Slow, low level output voltage
IOL =1.5 mA
—
0.5
V
5VOH_S
CC Slow, high level output voltage
IOH =–1.5mA VDD_HV_IO –0.8
—
V
6VOL_M
CC Medium, low level output voltage
IOL =2mA
—
0.5
V
7VOH_M
CC Medium, high level output voltage
IOH =–2 mA VDD_HV_IO –0.8
—
V
8VOL_F
CC Fast, high level output voltage
IOL =11mA
—
0.5
V
9VOH_F
CC Fast, high level output voltage
IOH =–11 mA VDD_HV_IO –0.8
—
V
10 VOL_SYM CC Symmetric, high level output voltage
IOL =5mA
—
0.5
V
11 VOH_SYM CC Symmetric, high level output voltage
IOH =–5 mA VDD_HV_IO –0.8
—
V
12
IPU
CC Equivalent pull-up current
VIN =VIL
–130
—
µA
VIN =VIH
—
–10
13
IPD
CC Equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—
130
14
IIL
CC Input leakage current
(all bidirectional ports)
TA = –40 to
125 °C
—1
µA
15
IIL
CC Input leakage current
(all ADC input-only ports)
TA = –40 to
125 °C
—0.5
µA
16
VILR
SR RESET, low level input voltage
—
–0.43
0.35 VDD_HV_IO
V
17
VIHR
SR RESET, high level input voltage
—0.65 VDD_HV_IO
VDD_HV_IO+0.4
3
V
18
VHYSR
CC RESET, Schmitt trigger hysteresis
—0.1 VDD_HV_IO
—V
19
VOLR
CC RESET, low level output voltage
IOL =2mA
—
0.5
V
20
IPD
CC RESET, equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com