Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPXD3020VMS2R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
93
3.18.2
PDI pads electrical specifications (VDD_HV_PDI = 2.5 V)
Table 38. Drive Current, VDD_HV_PDI = 3.3 V (±10%)
Pad
Drive Mode
Minimum IOH (mA)
1
NOTES:
1 I
OH is defined as the current sourced by the pad to drive the output to VOH.
Minimum IOL (mA)
2
2 I
OL is defined as the current sunk by the pad to drive the output to VOL.
PDI Fast
All
84.4
137
PDI Medium
All
61.9
83.6
Table 39. PDI pads AC electrical characteristics (VDD_HV_PDI = 3.3 V)
No.
Name
Prop. Delay (ns)
L
 H/H  L1
NOTES:
1
L
 H signifies low-to-high propagation delay and H  L signifies high-to-low propagation delay.
Rise/Fall Edge
(ns)
Drive Load
(pF)
Drive/Slew
Rate Select
MinMax
MinMax
MSB, LSB
1
PDI Medium
—
4.0/4.5
—
1.02/1.4
50
11
7.3/8.3
3.5/4.2
200
24/22
9.1/10.3
50
10
33/31
14/15
200
49/44
18/21
50
01
60/53
24/25
200
332/302
126/151
50
00
362/325
136/158
200
2
PDI Fast
—
5/5
—
1.1/1.1
50
11
8/8
2.6/2.6
200
8/8
2.4/2.4
50
10
12/12
5/5
200
13/13
5/5
50
01
19/19
8/8
200
40/40
16/16
50
00
50/50
21/21
200
Table 40. PDI pads DC electrical specifications (VDD_HV_PDI = 2.5 V)
No.
Symbol
Parameter
Min
Max
Unit
1VDD_HV_PDI SR I/O supply voltage
2.3
2.7
V
2VIH_C
CC CMOS input buffer high voltage (hysteresis
enabled)
0.65 × VDD_HV_PDI VDD_HV_PDI +0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com