Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPXD3020VMS2R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 101Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
98
3
VDD_HV_DRAM_VTT CC Termination voltage
1
—VDD_HV_DRAM_VREF
× 0.05
VDD_HV_DRAM_VREF
+0.05
V
4VIH
CC Input high voltage
—VDD_HV_DRAM_VREF +
0.20
—V
5VIL
CC Input low voltage
—VDD_HV_DRAM_VREF
× 0.2
V
6VOH
CC Output high voltage
ODT
enabled2
VDD_HV_DRAM_VTT
+0.8
—V
ODT
disabled3
0.8 × VDD_HV_DRAM
—V
7VOL
CC Output low voltage
ODT
enabled2
—VDD_HV_DRAM_VTT
× 0.8
V
ODT
disabled3
—VDD_HV_DRAM
×0.2
V
NOTES:
1 BGA473: Termination voltage can be supplied via package pins. BGA257 Termination voltage internally tied as the
BGA257 does not provide DRAM interface. Disable ODT
2 Termination voltage is supplied by V
DD_HV_DRAM_VTT.
3 Tie V
DD_HV_DRAM_VTT to VSS and disable ODT
Table 49. Output drive current @ VDDE = 3.3 V (±10%)
No.
Pad Name
Drive Mode
Minimum IOH (mA)
1
Minimum IOL (mA)
2
1
DRAM ACC
111
–16
16
2
DRAM DQ
3
DRAM CLK
NOTES:
1 I
OH is defined as the current sourced by the pad to drive the output to VOH.
2 I
OL is defined as the current sunk by the pad to drive the output to VOL.
Table 50. DRAM pads AC electrical specifications (VDD_HV_DRAM = 3.3 V)
No.
Pad Name
Prop. Delay (ns)
L
 H/H  L1
Output Slew rate
Rise/Fall (V/ns)
Drive Load
(pF)
Drive/Slew
Rate Select
MinMax
MinMax
MSB, LSB
1
DRAM ACC
1.4/1.4
2.4/2.4
3.1/2.5
5.6/5.4
5
111
1.7/1.7
2.7/2.7
0.9/1.1
1.7/2.0
20
111
2
DRAM DQ
1.4/1.4
2.4/2.4
3.1/2.5
5.6/5.4
5
111
1.7/1.7
2.7/2.7
0.9/1.1
1.7/2.0
20
111
3
DRAM CLK
1.4/1.4
2.4/2.4
3.1/2.5
5.7/5.7
5
111
1.6/1.6
2.6/2.6
1.1/1.3
2.3/2.3
20
111
Table 48. DRAM pads DC electrical specifications (VDD_HV_DRAM (continued) = 3.3 V)
No.
Symbol
Parameter
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com