Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPXD3020VMS2R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
16
— Double buffer (to capture rising edge and falling edge)
— Separate prescaler for each counter
— Selectable clock source
— 0–100% pulse measurement
— Rotation direction flag (Quad decoder mode)
•
Maximum count rate
— Equals peripheral clock/2 for external event counting
— Equals peripheral clock for internal clock counting
•
Cascadeable counters
•
Programmable count modulo
•
Quadrature decode capabilities
•
Counters can share available input pins
•
Count once or repeatedly
•
Preloadable counters
•
Pins available as GPIO when timer functionality not in use
•
DMA support
1.5.21
Redundancy Control and Checker Unit (RCCU)
The RCCU checks all outputs of the sphere of replication (addresses, data, control signals). It has the
following features:
•
Duplicated module to guarantee highest possible diagnostic coverage (check of checker)
•
Replicated IP to be used as checkers on the PBRIDGE output, flash controller output, SRAM
Output, DMA Channel Mux inputs
1.5.22
Software Watchdog Timer (SWT)
This module implements the features below:
•
Duplicated periphery to guarantee that safety targets (SIL3) are achieved
•
Fault-tolerant output
•
Safe internal RC oscillator as reference clock
•
Windowed watchdog
•
Program flow control monitor with 16-bit pseudorandom key generation
•
Allows high level of safety (SIL3 monitor)
1.5.23
Fault Collection and Control Unit (FCCU)
The FCCU module has the following features:
•
Redundant collection of hardware checker results
•
Redundant collection of error information and latch of faults from critical modules on the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com