Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3020VMS2R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPXD3020VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3020VMS2R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPXD3020VMS2R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD3020VMS2R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
10
•
Configurable bus speed modes
•
Support for 2 MB address space
•
Chip select and write/byte enable options as presented in the pin-muxing table in Section 2,
Package pinouts and signal descriptions
•
Configurable wait states (via chip selects)
•
Optional automatic CLKOUT gating to save power and reduce EMI
1.5.8
On-chip flash memory
•
Up to 2 MB Code flash memory with ECC
•
64 KB Data flash memory with ECC
•
Censorship protection scheme to prevent flash content visibility
•
Multiple block sizes to support features such as boot block, operating system block, and EEPROM
emulation
•
Read-while-write with multiple partitions
•
Parallel programming mode to support rapid end of line programming
•
Hardware programming state machine
1.5.9
Cache memory
•
Harvard architecture cache
•
16 KB instruction / 16 KB data
•
Four-way set-associative Harvard (instruction and data) 256-bit long cache
— Two 32-bit fetches per clock
— Eight-entry store buffer
— Way locking
— Supports tag and data parity
1.5.10
On-chip internal static RAM (SRAM)
•
Up to 512 KB general-purpose SRAM
•
ECC performs single-bit correction, double-bit error detection
— Address included in ECC checkbase
1.5.11
DRAM controller
The DRAM controller (available only on 473-pin devices) is a multi-port controller that monitors
incoming requests on the three AHB slave ports and decides (at each rising clock edge) what command
needs to be sent to the external DRAM.
The DRAM controller on this device supports the following types of memories:
•
Mobile DDR (mDDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com