Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8737CLGEFL/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
9
POWER CONSUMPTION
The power consumption of the WM8737L depends on the following factors.
Supply voltages: Reducing the supply voltages also reduces supply currents, and therefore results in significant power
savings (at the cost of reduced maximum SNR and THD performance).
Operating mode: Power consumption is lower when microphone pre-amps are not used. It can be also reduced in mono
or analogue mix-to-mono modes by switching off unused PGAs and ADCs via the power management register.
MODE DESCRIPTION
POWER MANAGEMENT REGISTER
SETTING
TYP. SUPPLY CURRENTS
(MILLIAMPS)
TOTAL
POWER
(mW)
IAVDD
IDBVDD
IDCVDD
MVDD = 1.8V, AVDD = 1.8V, DBVDD = 1.8V, DCVD = 1.5V, Low Power Mode, no MICBIAS or mic preamps
OFF
000000000
0.000
0.000
0.007
0.011
Standby
110000000
0.692
0.004
0.009
1.356
Mono (L/R)
111101000 / 111010100
1.978
0.011
1.633
6.029
Stereo / Digital Mono Mix
111111100
3.205
0.018
1.666
8.299
Analogue mono mix
(without dc monitoring via
Right ADC)
111111000
2.543
0.017
1.640
6.537
Analogue mono mix
(with continuous dc
monitoring via Right ADC)
111111100
3.205
0.018
1.670
8.306
Using MICBIAS in 0.9 X
AVDD mode in addition to
any of the above
Set appropriate MICBIAS[1:0] bits in
power management register
+0.255
-
-
+0.459
Using microphone boost
preamplifiers in addition to
any of the above
Set appropriate MBCTRL[1:0] bits in
register 09h and set LMBE and/or RMBE
bits in registers 02h and 03h
+0.692
-
-
+1.688
MVDD = 3.3V, AVDD = 3.3V, DBVDD = 3.3V, DCVDD = 1.5V, Low Power Mode, no MICBIAS or mic preamps
OFF
000000000
0.000
0.000
0.007
0.011
Standby
110000000
1.288
0.007
0.064
0.117
Mono (L/R)
111101000 / 111010100
2.993
0.018
1.624
12.173
Stereo / Digital Mono Mix
111111100
4.453
0.031
1.650
17.273
Analogue mono mix
(without dc monitoring via
Right ADC)
111111000
3.684
0.018
1.620
14.648
Analogue mono mix
(with continuous dc
monitoring via Right ADC)
111111100
4.453
0.031
1.660
17.288
Using MICBIAS in 0.9 X
AVDD mode in addition to
any of the above
Set appropriate MICBIAS[1:0] bits in
power management register
+0.47
-
-
+1.551
Using microphone boost
preamplifiers in addition to
any of the above
Set appropriate MBCTRL[1:0] bits in
register 09h and set LMBE and/or RMBE
bits in registers 02h and 03h
+1.413
-
-
+4.663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com