Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8737CLGEFL/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
WM8737L
Production Data
w
PD, Rev 4.4, January 2012
10
MVDD = 1.8V, AVDD = 1.8V, DBVDD = 1.8V, DCVDD = 1.5V, Normal Power Mode, no MICBIAS or mic preamps
OFF
000000000
0.000
0.000
0.007
0.011
Standby
110000000
0.698
0.004
0.069
1.367
Mono (L/R)
111101000 / 111010100
3.453
0.010
1.910
9.098
Stereo / Digital Mono Mix
111111100
6.109
0.017
1.955
13.959
Analogue mono mix
(without dc monitoring via
Right ADC)
111111000
4.574
0.010
1.910
11.116
Analogue mono mix
(with continuous dc
monitoring via Right ADC)
111111100
6.109
0.017
1.940
13.937
Using MICBIAS in 0.9 X
AVDD mode in addition to
any of the above
Set appropriate MICBIAS[1:0] bits in
power management register
+0.252
-
-
+0.454
Using microphone boost
preamplifiers in addition to
any of the above
Set appropriate MBCTRL[1:0] bits in
register 09h and set LMBE and/or RMBE
bits in registers 02h and 03h
+0.738
-
-
+1.328
MVDD = 3.3V, AVDD = 3.3V, DBVDD = 3.3V, DCVDD = 1.5V, Normal Power Mode, no MICBIAS or mic preamps
OFF
000000000
0.001
0.000
0.007
0.014
Standby
110000000
1.288
0.007
0.064
4.371
Mono (L/R)
111101000 / 111010100
4.632
0.020
1.905
18.210
Stereo / Digital Mono Mix
111111100
7.750
0.032
1.950
28.606
Analogue mono mix
(without dc monitoring via
Right ADC)
111111000
5.996
0.020
1.890
22.688
Analogue mono mix
(with continuous dc
monitoring via Right ADC)
111111100
7.750
0.033
1.960
28.624
Using MICBIAS in 0.9 X
AVDD mode in addition to
any of the above
Set appropriate MICBIAS[1:0] bits in
power management register
+0.446
-
-
+1.472
Using microphone boost
preamplifiers in addition to
any of the above
Set appropriate MBCTRL[1:0] bits in
register 09h and set LMBE and/or RMBE
bits in registers 02h and 03h
+1.406
-
-
+4.640
Table 1 Supply Current Consumption (see also “Power Management” section)
Notes:
1.
TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 12.288 MHz (256fs), 24-bit data
2.
All figures are quiescent, with no signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com