Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8737CLGEFL/R Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Audio Path Left
3
LMZC
None (first
gain
change
would
overwrite!)
Left Mic preamp Zero-Cross Enable
0: Change gain immediately
1: Change gain on zero crossing only
2
LPZC
1
Left PGA Zero-Cross Enable
0: Change gain immediately
1: Change gain on zero crossing only
1:0
LZCTO[1:0]
11
Left Zero-Cross Time-Out
00: 256/fs
01: 512/fs
10: 1024/fs
11: 2048/fs (42.67ms at 48kHz)
This timeout applies to both the PGA
and mic preamp zero-cross watchdog
timers.
R3 (03h)
Audio Path
Right
3
RMZC
None
Right Mic preamp Zero-Cross Enable
Same as LMZC but for right channel
2
RPZC
1
Right PGA Zero-Cross Enable
Same as LMZC but for right channel
1:0
RZCTO[1:0]
11
Right Zero-Cross Time-Out
Same as LMZC but for right channel
Table 8 Zero-Cross Detection Control
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8737L uses a multi-bit, oversampled sigma-delta ADC for each channel. The use of multi-bit
feedback and high oversampling rates reduces the effects of jitter and high frequency noise. The ADC
full-scale input level is proportional to AVDD. With a 3.3V supply voltage the full scale level is 1.0 Volt
rms (+/-1.414 Volts peak). Any voltage greater than full-scale will overload the ADC and cause
distortion.
ADC THD+N VERSUS POWER CONTROL
The ADCs can be operated in ‘normal mode’, which offers best THD+N performance at the cost of
highest power dissipation, or in ‘low power mode’ which offers significant power savings at the cost of
slightly reduced THD+N performance. The ADCs operating mode is controlled by the LP bit in register
R5. USB mode is not compatible with low power mode, so the LP bit must be set to 0 if USB mode is
selected.
See the ‘Power Consumption’ section for power requirements in both modes.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC Control
2
LP
0
ADC power mode control
0: Both ADCs in normal mode (best
THD+N)
1: Both ADCs in low power mode
Table 9 ADC Power Control
ADC DIGITAL FILTER
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path is illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com