Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8737CLGEFL/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
WM8737L
Production Data
w
PD, Rev 4.4, January 2012
12
Test Conditions
DBVDD = 3.3V, DCVDD = 1.42 to 3.6V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
ADCLRC set-up time to BCLK rising edge
tLRSU
10
ns
ADCLRC hold time from BCLK rising edge
tLRH
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
0
10
ns
CONTROL INTERFACE TIMING – 3-WIRE MODE
CSB
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 4 Control Interface Timing – 3-Wire Serial Control Mode
Test Conditions
DBVDD = 3.3V, DCVDD = 1.42 to 3.6V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising edge
tSCS
40
ns
SCLK pulse cycle time
tSCY
80
ns
SCLK pulse width low
tSCL
40
ns
SCLK pulse width high
tSCH
40
ns
SDIN to SCLK set-up time
tDSU
10
ns
SCLK to SDIN hold time
tDHO
10
ns
CSB pulse width low
tCSL
10
ns
CSB pulse width high
tCSH
10
ns
CSB rising to SCLK rising
tCSS
10
ns
Pulse width of spikes which will be suppressed
tSP
0
5
ns
CONTROL INTERFACE TIMING – 2-WIRE MODE
SDIN
SCLK
t
3
t
1
t
6
t
2
t
7
t
5
t
4
t
3
t
8
t
9
Figure 5 Control Interface Timing – 2-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com