Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8737CLGEFL/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC Control
8:7
MONOMIX[1:0]
00
00: Stereo
01: Analogue Mono-mix
10: Digital Mono-mix
11: Reserved
R5 (05h)
ADC Control
1
MONOUT
0
Analogue mono-mix format control
0: Left ADC data appears on Left
Channel output and Right ADC data
appears on Right Channel Output.
1: Left ADC data appears on both Left
and Right channel outputs.
Table 5 Mono Mixing Control
Note:
In stereo mode (R5) 00, Bit 1 must always be set to 0.
MICROPHONE BIAS
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. The output voltage is derived from
VREF and is programmable in three steps from 0.75
 AVDD to 1.2  AVDD, as shown below. Supply
voltage MVDD must be at least 170mV higher than the desired MICBIAS voltage to ensure correct
MICBIAS operation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Power
Management
1:0
MICBIAS[1:0]
00
Microphone Bias Control
00: MICBIAS OFF (powered down,
high-impedance output)
01: VMICBIAS = 0.75  AVDD
10: VMICBIAS = 0.9  AVDD
11: VMICBIAS = 1.2  AVDD
Table 6 MICBIAS Control
The internal MICBIAS circuitry is shown below. MVDD is a separate power supply pin used only for
MICBIAS and the microphone preamplifiers. When MICBIAS < AVDD, then MVDD can be tied to
AVDD. However, when MICBIAS = 1.2
 AVDD, then MVDD must be large enough to generate this
output voltage, i.e. it must be higher than AVDD.
Note:
The maximum voltage for MVDD of 3.6V must be observed.
AGND
MICBIAS
VREF
internal
resistor
MVDD
Figure 6 Microphone Bias Schematic
Note that the maximum source current capability for MICBIAS is 3mA. The external biasing resistors
therefore must be large enough to limit the MICBIAS current to 3mA. Please refer to the “Applications
Information” section for recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com