| Electronic Components Datasheet Search |
|
WM8737CLGEFL/R Datasheet(PDF) 25 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8737CLGEFL/R Datasheet(HTML) 25 Page - Wolfson Microelectronics plc |
|
25 / 40 page ![]() Production Data WM8737L w PD, Rev 4.4, January 2012 25 MASTER AND SLAVE MODE OPERATION The WM8737L can be configured as either a master or slave mode device. As a master device the WM8737L generates BCLK and ADCLRC and thus controls sequencing of the data transfer on ADCDAT. In slave mode, the WM8737L responds with data to clocks it receives over the digital audio interface. The mode can be selected by writing to the MS bit (see Table 14). Master and slave modes are illustrated below. BCLK ADCDAT ADCLRC WM8737 ADC DSP / ENCODER BCLK ADCDAT ADCLRC WM8737 ADC DSP / ENCODER Figure 9a Master Mode Figure 9b Slave Mode AUDIO DATA FORMATS In Left Justified mode, the MSB is available on the first rising edge of BCLK following an ADCLRC transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles before each ADCLRC transition. LEFT CHANNEL RIGHT CHANNEL ADCLRC BCLK ADCDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 10 Left Justified Audio Interface (assuming n-bit word length) In Right Justified mode, the LSB is available on the last rising edge of BCLK before an ADCLRC transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles after each ADCLRC transition. LEFT CHANNEL RIGHT CHANNEL ADCLRC BCLK ADCDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 11 Right Justified Audio Interface (assuming n-bit word length) In I 2S mode, the MSB is available on the second rising edge of BCLK following an ADCLRC transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the next. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |