Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70A Datasheet(PDF) 24 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 24 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 20Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 21Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 22Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 23Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 24Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 25Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 26Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 27Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
24
Order Number: 208034-04
With adequate continuity testing, programming equipment can rely on the WSM’s
internal verification to ensure that the device has programmed properly. This eliminates
the external post-program verification and its associated overhead.
8.3.1
BEFP Requirements and Considerations
Note:
Word buffer boundaries in the array are determined by A[8:1] (0x00 through 0xFF); the alignment start point is A[8:1] =
0x00.
Notes:
1.
Some degradation in performance may occur is this limit is exceeded, but the internal algorithm continues to work
properly.
2.
If the internal address counter increments beyond the block’s maximum address, addressing wraps around to the
beginning of the block.
3.
If the number of words is less than 256, remaining locations must be filled with 0xFFFF.
8.3.2
BEFP Setup Phase
After receiving the BEFP Setup and Confirm command sequence, Status Register bit
SR.7 (Ready) is cleared, indicating that the WSM is busy with BEFP algorithm startup. A
delay before checking SR.7 is required to allow the WSM enough time to perform all of
its setups and checks (Block-Lock status, VPP level, etc.). If an error is detected, SR.4
is set and BEFP operation terminates. If the block was found to be locked, SR.1 is also
set. SR.3 is set if the error occurred due to an incorrect VPP level.
Note:
Reading from the device after the BEFP Setup and Confirm command sequence outputs
Status Register data. Do not issue the Read Status Register command; it will be
interpreted as data to be loaded into the buffer.
Table 9:
BEFP Requirements
Parameter/Issue
Requirement
Notes
Case Temperature
TC = 30°C ± 10°C
-
VCC
Nominal Vcc
-
VPP
Driven to VPPH
-
Setup and Confirm
Target block must be unlocked before issuing the BEFP Setup and Confirm commands.
-
Programming
The first-word address (WA0) of the block to be programmed must be held constant
from the setup phase through all data streaming into the target block, until transition
to the exit phase is desired.
-
Buffer Alignment
WA0 must align with the start of an array buffer boundary.
1
Table 10: BEFP Considerations
Parameter/Issue
Requirement
Notes
Cycling
For optimum performance, cycling must be limited below 50 erase cycles per block.
1
Programming blocks
BEFP programs one block at a time; all buffer data must fall within a single block.
2
Suspend
BEFP cannot be suspended.
-
Programming the flash
memory array
Programming to the flash memory array can occur only when the buffer is full.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com